Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LP2953AIN Datasheet(PDF) 1 Page - Texas Instruments

Part # LP2953AIN
Description  LP295x Adjustable Micropower Low-Dropout Voltage Regulators
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP2953AIN Datasheet(HTML) 1 Page - Texas Instruments

  LP2953AIN Datasheet HTML 1Page - Texas Instruments LP2953AIN Datasheet HTML 2Page - Texas Instruments LP2953AIN Datasheet HTML 3Page - Texas Instruments LP2953AIN Datasheet HTML 4Page - Texas Instruments LP2953AIN Datasheet HTML 5Page - Texas Instruments LP2953AIN Datasheet HTML 6Page - Texas Instruments LP2953AIN Datasheet HTML 7Page - Texas Instruments LP2953AIN Datasheet HTML 8Page - Texas Instruments LP2953AIN Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 41 page
background image
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
LP2952-N, LP2952A, LP2953, LP2953A
SNVS095F – MAY 2004 – REVISED MARCH 2015
LP295x Adjustable Micropower Low-Dropout Voltage Regulators
1 Features
3 Description
The LP2952 and LP2953 are micropower voltage
1
2.3-V to 30-V Input Voltage Range
regulators with very low quiescent current (130
μA
Output Voltage Adjusts from 1.23 V to 29 V
typical at 1-mA load) and very low dropout voltage
250-mA Output Current
(typically 60 mV at light load and 470 mV at 250-mA
load current). They are ideally suited for battery-
Extremely Low Quiescent Current
powered systems. Furthermore, the quiescent current
Low Dropout Voltage
increases only slightly at dropout, which prolongs
Extremely Tight Line and Load Regulation
battery life.
Very Low Temperature Coefficient
The LP2952 and LP2953 retain all the desirable
Current and Thermal Limiting
characteristics of the LP2951, but offer increased
output current, additional features, and an improved
Reverse Battery-Input Protection
shutdown function.
50-mA (Typical) Automatic Output Discharge
The automatic output discharge pulls the output down
LP2953 Versions Only
quickly when the shutdown is activated.
Auxiliary Comparator Included With CMOS-
and TTL-Compatible Output Levels. Can Be
The error flag goes low if the output voltage drops out
of regulation.
Used for Fault Detection, Low-Input Line
Detection, and so on.
Reverse battery-input protection is provided.
The internal voltage reference is made available for
2 Applications
external use, providing a low temperature coefficient
High-Efficiency Linear Regulator
(20 ppm/°C) reference with very good line (0.03%)
and load (0.04%) regulation.
Regulator With Undervoltage Shutdown
Low-Dropout Battery-Powered Regulator
Device Information(1)
Snap-ON/Snap-OFF Regulator
PART NUMBER
PACKAGE
BODY SIZE (NOM)
LP2952x
SOIC (16)
9.90 mm × 3.91 mm
SOIC (16)
9.90 mm × 3.91 mm
LP2953x
PDIP (16)
21.755 mm × 6.35 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Typical Application Schematic
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - LP2953AIN

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP2953AIN NSC-LP2953AIN Datasheet
1Mb / 22P
Adjustable Micropower Low-Dropout Voltage Regulators
logo
Texas Instruments
LP2953AIN TI1-LP2953AIN Datasheet
1Mb / 24P
Adjustable Micropower Low-Dropout Voltage Regulators
logo
National Semiconductor ...
LP2953AIN-3.3 NSC-LP2953AIN-3.3 Datasheet
1Mb / 22P
Adjustable Micropower Low-Dropout Voltage Regulators
logo
Texas Instruments
LP2953AIN-3.3 TI1-LP2953AIN-3.3 Datasheet
1Mb / 24P
Adjustable Micropower Low-Dropout Voltage Regulators
More results

Similar Description - LP2953AIN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP2953QML TI1-LP2953QML Datasheet
439Kb / 24P
Adjustable Micropower Low-Dropout Voltage Regulators
LP2950 TI-LP2950 Datasheet
3Mb / 32P
LP295x Adjustable Micropower Voltage Regulators with Shutdown
LP2950-50 TI-LP2950-50_15 Datasheet
3Mb / 32P
LP295x Adjustable Micropower Voltage Regulators with Shutdown
LP2951 TI-LP2951_15 Datasheet
3Mb / 32P
LP295x Adjustable Micropower Voltage Regulators with Shutdown
LP2951-30 TI-LP2951-30_15 Datasheet
3Mb / 32P
LP295x Adjustable Micropower Voltage Regulators with Shutdown
LP2951-N TI-LP2951-N_15 Datasheet
1Mb / 51P
LP295x-N Series of Adjustable Micropower Voltage Regulators
LP2952A TI-LP2952A_15 Datasheet
2Mb / 41P
LP295x Adjustable Micropower Low-Dropout Voltage Regulators
LP2952-N TI-LP2952-N_15 Datasheet
2Mb / 41P
LP295x Adjustable Micropower Low-Dropout Voltage Regulators
LP2953 TI-LP2953_15 Datasheet
2Mb / 41P
LP295x Adjustable Micropower Low-Dropout Voltage Regulators
LP2952-N TI1-LP2952-N Datasheet
2Mb / 41P
LP295x Adjustable Micropower Low-Dropout Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com