Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

L99VR02XP Datasheet(PDF) 27 Page - STMicroelectronics

Part # L99VR02XP
Description  Dual automotive linear voltage regulator with configurable output voltage (2x250 mA current capability)
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99VR02XP Datasheet(HTML) 27 Page - STMicroelectronics

Back Button L99VR02XP Datasheet HTML 23Page - STMicroelectronics L99VR02XP Datasheet HTML 24Page - STMicroelectronics L99VR02XP Datasheet HTML 25Page - STMicroelectronics L99VR02XP Datasheet HTML 26Page - STMicroelectronics L99VR02XP Datasheet HTML 27Page - STMicroelectronics L99VR02XP Datasheet HTML 28Page - STMicroelectronics L99VR02XP Datasheet HTML 29Page - STMicroelectronics L99VR02XP Datasheet HTML 30Page - STMicroelectronics L99VR02XP Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 50 page
background image
Every wi-positive edge switches the current source from discharging to charging. The same happens when the
lower threshold is reached. When the voltage reaches the upper threshold, Vwhth_LDO1,2, the current switches
from charging to discharging. The result is a sawtooth voltage at the watchdog timer capacitor Ctwx. If a
microcontroller operates in low power mode it will not be able to generate any pulse to refresh the voltage
regulator watchdog, so triggering the microcontroller reset. In such a case, to avoid generating the microcontroller
reset, the watchdog functionality is automatically deactivated any time the microcontroller current consumption
falls under the Iw_off_LDO1,2 threshold. On the other hand, when the current consumption rises above the
Iw_on_LDO1,2 threshold the watchdog functionality is once again activated. Once the regulator is enabled for the
first time, if IO_LDO1,2 < Iw_off_LDO1,2 the watchdog will not be activated, while if IO_LDO1,2 > Iw_off_LDO1,2 the
watchdog is activated.
Figure 45. Watchdog timing diagram
Since the RST_LDO1,2 output pins are shared between the watchdog circuit and the output voltage monitoring
circuit, for applications where the watchdog is not needed, to prevent the watchdog from generating RST pulses
without anyway losing the reset functionality of the VO_LDO1,2 monitoring, the Vcw_LDO1,2 pins have to be
connected to VO_LDO1,2. Vcw_LDO1,2 pins must be always tied to the ground by an external capacitor (Ctwx) when
watchdog function is used.
Note:
•
When the watchdog timer is used to and the regulator recovers from a thermal shut-down event or
recovers from an output undervoltage event (including the recovery from output undervoltage event at the
regulator output turning on), the reset pin might be pulled back high with a delay longer than Trd, in the
range between Trd and Trd +Twol due to the watchdog that might affect the RST pin release. The
watchdog will not affect the RST pin release in the case where recovering from a thermal shut-down
event or recovering from an output undervoltage event (including the recovery from output undervoltage
event at the regulator output turning on) the Io drops below Iw_off before Trd. The output current Io
consists in the load current, the current drawn from the RST pin and the TW pin through the pull-down
resistors connected to VO when the RST and the TW pins are asserted low and the current needed to
charge/discharge the output capacitor is CO.
•
When the watchdog timer is used, in case of an output undervoltage event not making VO drop to zero
volt, since the watchdog will still be running during the output undervoltage condition, the first watchdog
timeout after the reset pin is released coming out of the output undervoltage event might occur before
expected (0 ≤ Timeout ≤ Twop - Twol).
Table 17. Watchdog timer
Usage of watchdog timer
Connection of Vcw_LDO1,2 pin
Watchdog timer is not used
Connect to the VO_LDO1,2 pin
Watchdog timer is used
Connect to an external capacitor Ctw
L99VR02XP
Application information
DS14686 - Rev 1
page 27/50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com