Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

L99VR02XP Datasheet(PDF) 37 Page - STMicroelectronics

Part # L99VR02XP
Description  Dual automotive linear voltage regulator with configurable output voltage (2x250 mA current capability)
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99VR02XP Datasheet(HTML) 37 Page - STMicroelectronics

Back Button L99VR02XP Datasheet HTML 33Page - STMicroelectronics L99VR02XP Datasheet HTML 34Page - STMicroelectronics L99VR02XP Datasheet HTML 35Page - STMicroelectronics L99VR02XP Datasheet HTML 36Page - STMicroelectronics L99VR02XP Datasheet HTML 37Page - STMicroelectronics L99VR02XP Datasheet HTML 38Page - STMicroelectronics L99VR02XP Datasheet HTML 39Page - STMicroelectronics L99VR02XP Datasheet HTML 40Page - STMicroelectronics L99VR02XP Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 50 page
background image
4.12
Undervoltage lockout (UVLO)
The undervoltage lockout (UVLO) circuit allows a fast regulating element to turn-off (activating the internal fast
output discharge circuit) if the input voltage drops below the threshold, VUVLO_fall, avoiding so undesired
unknown output state during low input voltage. When the input voltage is above the VUVLO_rise threshold, the
regulating element is again turned on.
Figure 56. Undervoltage lock out on output voltage
4.13
Support to ISO26262
Even if not designed as a safety hardware element, the device contains some features that can be used to
support applications that need to fulfill functional safety requirements. Analysis of the IC’s capability to reach the
required safety level, should be made at system level under user responsibility.
The following safety mechanisms have been implemented:
Table 20. Implemented safety mechanism
ID
Description
SM1
Thermal sensor acting by TW pin
SM2
Overtemperature protection
SM3
Limitation on maximum output current
SM4
Output voltage VO monitoring for undervoltage detection
SM5
Output voltage VO monitoring for overvoltage detection
SM6
RST reset assertion in case of VO undervoltage detection
Besides the internal watchdog to check microcontroller correct functionality can be considered as a safety
mechanism at system level.
More details about functional safety can be found in the device safety manual, provided on customer request.
L99VR02XP
Application information
DS14686 - Rev 1
page 37/50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com