Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TDA7449 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TDA7449
Description  Digital tone control audio processor
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7449 Datasheet(HTML) 1 Page - STMicroelectronics

  TDA7449 Datasheet HTML 1Page - STMicroelectronics TDA7449 Datasheet HTML 2Page - STMicroelectronics TDA7449 Datasheet HTML 3Page - STMicroelectronics TDA7449 Datasheet HTML 4Page - STMicroelectronics TDA7449 Datasheet HTML 5Page - STMicroelectronics TDA7449 Datasheet HTML 6Page - STMicroelectronics TDA7449 Datasheet HTML 7Page - STMicroelectronics TDA7449 Datasheet HTML 8Page - STMicroelectronics TDA7449 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
This is information on a product in full production.
September 2014
DocID006317 Rev 5
1/21
TDA7449
Digital tone control audio processor
Datasheet
- production data
Features
 Input multiplexer
– Two stereo inputs
– Selectable input gain for optimal adaptation
to different sources
 One stereo output
 Treble and bass control in 2.0 db steps
 Volume control in 1.0 db steps
 Two speaker attenuators:
– Two independent speaker controls in
1.0 db steps to facilitate balance
– Independent mute function
 All functions are programmable via serial bus
Description
The TDA7449 is a volume tone (bass and treble)
balance (left/right) processor for quality audio
applications in TV systems. Selectable input gain
is provided. A serial bus controls all functions.
The AC signal setting is obtained by resistor
networks and switches combined with operational
amplifiers.
Bipolar/CMOS technology used allows obtaining
low distortion, low noise and DC stepping.
Table 1. Device summary
Figure 1. Block diagram
SO20
Order code
Package
Packing
TDA7449D13TR
SO20
Tape and reel
0/30dB
2dB STEP
MUXOUTL
VOLUME
VOLUME
TREBLE
TREBLE
TREBLE(L)
BASS
BASS
MUXOUTR
TREBLE(R)
SPKR ATT
LEFT
LOUT
SCL
SDA
DIG_GND
ROUT
D98AU847A
I
2CBUS DECODER + LATCHES
100K
100K
G
L-IN1
L-IN2
100K
100K
R-IN1
R-IN2
G
INPUT MULTIPLEXER
+ GAIN
BOUT(L)
SPKR ATT
RIGHT
BIN(R) BOUT(R)
SUPPLY
CREF
AGND
VS
BIN(L)
5
8
9
7
6
19
20
18
4
2
3
11
17
12
13
1
10
16
15
14
RB
RB
VREF
www.st.com
Obsolete
Product(s)
- Obsolete
Product(s)


Similar Part No. - TDA7449

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7449 STMICROELECTRONICS-TDA7449 Datasheet
128Kb / 17P
TONE CONTROL DIGITALLY CONTROLLED AUDIO PROCESSOR
Apr-1999
TDA7449 STMICROELECTRONICS-TDA7449 Datasheet
200Kb / 19P
TONE CONTROL DIGITALLY CONTROLLED AUDIO PROCESSOR
Jun-2004
TDA7449D STMICROELECTRONICS-TDA7449D Datasheet
200Kb / 19P
TONE CONTROL DIGITALLY CONTROLLED AUDIO PROCESSOR
Jun-2004
TDA7449L STMICROELECTRONICS-TDA7449L Datasheet
90Kb / 13P
LOW COST DIGITALLY CONTROLLED AUDIO PROCESSOR
Apr-1999
TDA7449L STMICROELECTRONICS-TDA7449L Datasheet
104Kb / 14P
LOW COST DIGITALLY CONTROLLED AUDIO PROCESSOR
Jun-2004
More results

Similar Description - TDA7449

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7440D STMICROELECTRONICS-TDA7440D Datasheet
212Kb / 17P
TONE CONTROL DIGITALLY CONTROLLED AUDIO PROCESSOR
REV. 3
TDA7442 STMICROELECTRONICS-TDA7442 Datasheet
154Kb / 17P
TONE CONTROL AND SURROUND DIGITALLY CONTROLLED AUDIO PROCESSOR
REV. 2
TDA7449 STMICROELECTRONICS-TDA7449 Datasheet
128Kb / 17P
TONE CONTROL DIGITALLY CONTROLLED AUDIO PROCESSOR
Apr-1999
TDA7463D STMICROELECTRONICS-TDA7463D Datasheet
151Kb / 11P
LOW VOLTAGE TONE CONTROL DIGITALLY CONTROLLED AUDIO PROCESSOR
May-2002
TDA7463AD STMICROELECTRONICS-TDA7463AD Datasheet
90Kb / 11P
LOW VOLTAGE TONE CONTROL DIGITALLY CONTROLLED AUDIO PROCESSOR
Jun-2004
TDA7863D STMICROELECTRONICS-TDA7863D Datasheet
112Kb / 12P
LOW VOLTAGE TONE CONTROL DIGITALLY CONTROLLED AUDIO PROCESSOR
Jun-2004
TDA7463D STMICROELECTRONICS-TDA7463D_04 Datasheet
116Kb / 12P
LOW VOLTAGE TONE CONTROL DIGITALLY CONTROLLED AUDIO PROCESSOR
Jun-2004
TDA7449 STMICROELECTRONICS-TDA7449_04 Datasheet
200Kb / 19P
TONE CONTROL DIGITALLY CONTROLLED AUDIO PROCESSOR
Jun-2004
TDA7440 STMICROELECTRONICS-TDA7440_10 Datasheet
741Kb / 17P
TONE CONTROL DIGITALLY CONTROLLED AUDIO PROCESSOR
30-Apr-2010
TDA7463 STMICROELECTRONICS-TDA7463 Datasheet
175Kb / 12P
LOW VOLTAGE TONE CONTROL DIGITALLY CONTROLLED AUDIO PROCESSOR
26-Apr-2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com