Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TDA7449 Datasheet(PDF) 4 Page - STMicroelectronics

Part # TDA7449
Description  Digital tone control audio processor
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7449 Datasheet(HTML) 4 Page - STMicroelectronics

  TDA7449 Datasheet HTML 1Page - STMicroelectronics TDA7449 Datasheet HTML 2Page - STMicroelectronics TDA7449 Datasheet HTML 3Page - STMicroelectronics TDA7449 Datasheet HTML 4Page - STMicroelectronics TDA7449 Datasheet HTML 5Page - STMicroelectronics TDA7449 Datasheet HTML 6Page - STMicroelectronics TDA7449 Datasheet HTML 7Page - STMicroelectronics TDA7449 Datasheet HTML 8Page - STMicroelectronics TDA7449 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
Electrical characteristics and test circuit
TDA7449
4/21
DocID006317 Rev 5
2
Electrical characteristics and test circuit
Table 5. Electrical characteristics (refer to the test circuit Tamb = 25 °C, VS = 9 V,
RL= 10 k, RG = 600 , all controls flat (G = 0 dB), unless otherwise specified)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
Supply
VS
Supply voltage
6
9
10.2
V
IS
Supply current
7
mA
SVR
Ripple rejection
60
90
dB
Input stage
RIN
Input resistance
100
k
VCL
Clipping level
THD = 0.3%
2
2.5
Vrms
SIN
Input separation
The selected input is
grounded through a 2.2 μ
capacitor
80
100
dB
Ginmin
Minimum input gain
-1
0
1
dB
Ginman
Maximum input gain
30
dB
Gstep
Step resolution
2
dB
Volume control
CRANGE
Control range
45
47
49
dB
AVMAX
Max. attenuation
45
47
49
dB
ASTEP
Step resolution
0.5
1
1.5
dB
EA
Attenuation set error
AV = 0 to -24 dB
-1.0
0
1.0
dB
AV = -24 to -47 dB
-1.5
0
1.5
dB
ET
Tracking error
AV = 0 to -24 dB
0
1
dB
AV = -24 to -47 dB
0
2
dB
VDC
DC step
adjacent attenuation steps
0
3
mV
from 0 dB to AV max
0.5
mV
Amute
Mute attenuation
80
100
dB
Bass control (1)
Gb
Control range
Max. boost/cut
+12.0
+14.0
+16.0
dB
BSTEP
Step resolution
1
2
3
dB
RB
Internal feedback resistance
18.75
25
31.25
K
Treble control (1)
Gt
Control range
Max. boost/cut
+13.0
+14.0
+15.0
dB
TSTEP
Step resolution
1
2
3
dB
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com