Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TDA7492 Datasheet(PDF) 23 Page - STMicroelectronics

Part # TDA7492
Description  50 W 50 W dual BTL class-D amplifier
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7492 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button TDA7492 Datasheet HTML 19Page - STMicroelectronics TDA7492 Datasheet HTML 20Page - STMicroelectronics TDA7492 Datasheet HTML 21Page - STMicroelectronics TDA7492 Datasheet HTML 22Page - STMicroelectronics TDA7492 Datasheet HTML 23Page - STMicroelectronics TDA7492 Datasheet HTML 24Page - STMicroelectronics TDA7492 Datasheet HTML 25Page - STMicroelectronics TDA7492 Datasheet HTML 26Page - STMicroelectronics TDA7492 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 32 page
background image
DocID014926 Rev 6
23/32
TDA7492
Applications information
32
6
Applications information
6.1
Mode selection
The three operating modes of the TDA7492 are set by the two inputs, STBY (pin 20) and
MUTE (pin 21).
Standby mode: all circuits are turned off, very low current consumption.
Mute mode: inputs are connected to ground and the positive and negative PWM
outputs are at 50% duty cycle.
Play mode: the amplifiers are active.
The protection functions of the TDA7492 are enabled by pulling down the voltages of the
STBY and MUTE inputs shown in Figure 29. The input current of the corresponding pins
must be limited to 200 μA.
Figure 29. Standby and mute circuits
Figure 30. Turn on/off sequence for minimizing speaker “pop”
Table 6. Mode settings
Mode
STBY
MUTE
Standby
L (1)
1. Drive levels defined in Table 5: Electrical specifications on page 9
X (don’t care)
Mute
H (1)
L
Play
H
H
TDA7492
STBY
MUTE
0 V
3.3 V
C7
2.2 μF
R2
30 k
Standby
0 V
3.3 V
C15
2.2 μF
R4
30 k
Mute



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com