Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TDA7492 Datasheet(PDF) 24 Page - STMicroelectronics

Part # TDA7492
Description  50 W 50 W dual BTL class-D amplifier
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7492 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button TDA7492 Datasheet HTML 20Page - STMicroelectronics TDA7492 Datasheet HTML 21Page - STMicroelectronics TDA7492 Datasheet HTML 22Page - STMicroelectronics TDA7492 Datasheet HTML 23Page - STMicroelectronics TDA7492 Datasheet HTML 24Page - STMicroelectronics TDA7492 Datasheet HTML 25Page - STMicroelectronics TDA7492 Datasheet HTML 26Page - STMicroelectronics TDA7492 Datasheet HTML 27Page - STMicroelectronics TDA7492 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 32 page
background image
Applications information
TDA7492
24/32
DocID014926 Rev 6
6.2
Gain setting
The gain of the TDA7492 is set by the two inputs, GAIN0 (pin 30) and GAIN1 (pin31).
Internally, the gain is set by changing the feedback resistors of the amplifier.
6.3
Input resistance and capacitance
The input impedance is set by an internal resistor Ri = 60 k
 (typical). An input capacitor
(Ci) is required to couple the AC input signal.
The equivalent circuit and frequency response of the input components are shown in
Figure 31. For Ci = 470 nF the high-pass filter cutoff frequency is below 20 Hz:
fc = 1 / (2 *
 * Ri * Ci)
Figure 31. Device input circuit and frequency response
Table 7. Gain settings
GAIN0
GAIN1
Nominal gain, Gv (dB)
0
0
21.6
0
1
27.6
1
0
31.1
1
1
33.6
Ri
Input
Ci
Rf
Input
pin
signal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com