Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

L9679P Datasheet(PDF) 44 Page - STMicroelectronics

Part # L9679P
Description  Automotive advanced airbag for mid/high end applications and cut-off battery IC
PDF  279 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9679P Datasheet(HTML) 44 Page - STMicroelectronics

Back Button L9679P Datasheet HTML 40Page - STMicroelectronics L9679P Datasheet HTML 41Page - STMicroelectronics L9679P Datasheet HTML 42Page - STMicroelectronics L9679P Datasheet HTML 43Page - STMicroelectronics L9679P Datasheet HTML 44Page - STMicroelectronics L9679P Datasheet HTML 45Page - STMicroelectronics L9679P Datasheet HTML 46Page - STMicroelectronics L9679P Datasheet HTML 47Page - STMicroelectronics L9679P Datasheet HTML 48Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 279 page
background image
Start-up and power control
L9679P
44/279
DS11627 Rev 7
Figure 18. ER ESR measurement timing diagram
The ER CAP ESR can be calculated according to the following formula:
6.6
ER switch and COVRACT pin
L9679P allows the system to run out of the reserve capacitor energy stored on VER node by
means of the charging boost regulator. In this way, an extended operation can take place
even in case of battery lost. The ER switch implements a connection from the VER pin to
the VIN node, supply input for the SYNCBOOST regulator and for internal power supplies.
The ER switch is automatically activated upon entering the PASSIVE mode. Voltage
difference between VIN and VER is monitored in order to prevent VER back-feeding when
VIN exceeds VER by VER_SW_OV_TH. The ER switch is automatically deactivated upon the
above mentioned overvoltage detection.
During PASSIVE mode the discrete digital output pin COVRACT is activated to allow for
external optional cross-over switch control (except during VINGOOD blanking state, where
the COVRACT is deactivated).
GAPGPS02264
VER voltage
2μ s
ER_DISCHARGE
ENABLE
23μs
14μs
35 μ s
Va stop sampling
(start of conv.)
100μs
CS_G (diagnostic request from microcontroller)
24 μ s
Va, Vb, Vc
start sampling
Vc stop sampling
(start of conv.)
Vb stop sampling
(start of conv.)
ESRERCAP
VC VB
–
GER_ESR IER_DISCHARGE_HIGH
----------------------------------------------------------------------------------------- OFFER_ESR
+
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com