Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

L9305 Datasheet(PDF) 1 Page - STMicroelectronics

Part # L9305
Description  Automotive 4-channel valve driver
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9305 Datasheet(HTML) 1 Page - STMicroelectronics

  L9305 Datasheet HTML 1Page - STMicroelectronics L9305 Datasheet HTML 2Page - STMicroelectronics L9305 Datasheet HTML 3Page - STMicroelectronics L9305 Datasheet HTML 4Page - STMicroelectronics L9305 Datasheet HTML 5Page - STMicroelectronics L9305 Datasheet HTML 6Page - STMicroelectronics L9305 Datasheet HTML 7Page - STMicroelectronics L9305 Datasheet HTML 8Page - STMicroelectronics L9305 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 107 page
background image
Features
AEC-Q100 qualified
4-channel independent LSD/HSD current controlled drivers
Integrated current sense path
Current accuracy (in normal range)
± 5 mA in 0 to 0.5 A range
± 1% in 0.5 A to 1.5 A range
Current accuracy (in extended range)
± 15 mA in 0 to 0.3 A range
± 5% in 0.3 A to 0.5 A range
± 4% in 0.5 A to 2 A range
Max driver RDSON 375 mΩ @ 175 °C
13-bit current set-point resolution
Variable and fixed frequency current control
Programmable dither function
Selectable driver slew rate control
Safety features
High side fail safe ENABLE switch pre-driver with VDS monitoring
Redundant safe enable path
Advanced diagnosis and monitoring using BIST
Temperature sensor and monitoring
Redundant current sensing for all channels
Calibration & configuration memory including CRC
Secure serial communications using address feedback, 5-bit CRC,
frame counter & long/short frame detection
Register verification
32-bit SPI communications with 5-bit CRC message verification
Package options: PWSSO36, TQFP48
Full ISO26262 compliant, ASIL-D systems ready
Description
The L9305 is a configurable, monolithic solenoid driver IC designed for the control of
linear solenoids for automatic transmission, electronic stability control, and active
suspension applications. The four channels can be configured as either low side or
high side drivers in any combination. The device includes the power transistor,
recirculation transistor and current sensing for both the power and recirculation
transistor. This architecture guarantees redundancy of the current measurement for
each channel.
The regulated current is programmable in the range of 0-1.5 A (normal range), with a
resolution of 0.25 mA, or 0-2 A (extended range), with a resolution of 0.33 mA. The
user can superimpose configurable dither modulation over the set point current.
GADG0203181458PS
TQFP48 exposed pad down (7x7x1 mm)
GAPGPS00337
PowerSSO36 exposed pad down
Product status link
L9305
Product summary
Order code
L9305EP
Package
PowerSSO36
Packing
Tube
Order code
L9305EP-TR
Package
PowerSSO36
Packing
Tape and reel
Order code
L9305QFP
Package
TQFP48
Packing
Tray
Order code
L9305QFP-TR
Package
TQFP48
Packing
Tape and reel
Automotive 4-channel valve driver
L9305
Datasheet
DS12774 - Rev 10 - June 2024
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - L9305

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L9305 STMICROELECTRONICS-L9305 Datasheet
1Mb / 107P
Automotive 4-channel valve driver
25-Nov-2021
L9305A STMICROELECTRONICS-L9305A Datasheet
119Kb / 6P
DUAL HIGH CURRENT RELAY DRIVER
Jan-1992
L9305EP STMICROELECTRONICS-L9305EP Datasheet
1Mb / 107P
Automotive 4-channel valve driver
25-Nov-2021
L9305EP-TR STMICROELECTRONICS-L9305EP-TR Datasheet
1Mb / 107P
Automotive 4-channel valve driver
25-Nov-2021
L9305QFP STMICROELECTRONICS-L9305QFP Datasheet
1Mb / 107P
Automotive 4-channel valve driver
25-Nov-2021
More results

Similar Description - L9305

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
D5954 ETC1-D5954 Datasheet
419Kb / 6P
4 CHANNEL DRIVER MOTOR DRIVER
logo
STMicroelectronics
L9374 STMICROELECTRONICS-L9374 Datasheet
218Kb / 10P
Four channel valve driver
31-Jul-2007
logo
Texas Instruments
TPS61194-Q1 TI1-TPS61194-Q1 Datasheet
613Kb / 35P
High-Performance 4-Channel LED Driver for Automotive Lighting
TPS92610-Q1 TI1-TPS92610-Q1 Datasheet
2Mb / 25P
Automotive Single-Channel LED Driver
TPS92612-Q1 TI1-TPS92612-Q1 Datasheet
2Mb / 18P
Automotive Single-Channel LED Driver
TPS92613-Q1 TI1-TPS92613-Q1 Datasheet
1Mb / 26P
Automotive Single-Channel LED Driver
logo
NXP Semiconductors
PCA85276 NXP-PCA85276 Datasheet
494Kb / 54P
Automotive 40 x 4 LCD driver
Rev. 3-12 November 2018
logo
Maxim Integrated Produc...
MAX25014 MAXIM-MAX25014 Datasheet
936Kb / 46P
Automotive Low Input Voltage I2C 4-Channel 150mA Backlight Driver
2020
logo
STMicroelectronics
L9374LF STMICROELECTRONICS-L9374LF Datasheet
1Mb / 80P
Four channel valve driver
30-Oct-2013
L9305 STMICROELECTRONICS-L9305 Datasheet
1Mb / 107P
Automotive 4-channel valve driver
25-Nov-2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com