Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

L9305 Datasheet(PDF) 10 Page - STMicroelectronics

Part # L9305
Description  Automotive 4-channel valve driver
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9305 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button L9305 Datasheet HTML 6Page - STMicroelectronics L9305 Datasheet HTML 7Page - STMicroelectronics L9305 Datasheet HTML 8Page - STMicroelectronics L9305 Datasheet HTML 9Page - STMicroelectronics L9305 Datasheet HTML 10Page - STMicroelectronics L9305 Datasheet HTML 11Page - STMicroelectronics L9305 Datasheet HTML 12Page - STMicroelectronics L9305 Datasheet HTML 13Page - STMicroelectronics L9305 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 107 page
background image
3.3
ESD performance
Table 3. ESD Performance
Symbol
Parameter
Test condition
Min Typ Max Unit
Pin
ESD HBM
HBM Global pins
ESD according to Human Body Model (HBM),
Q100-002 for all pins; (100pF/1,5kΩ)
-4
–
4
kV
Global
ESD HBM
HBM all pins
ESD according to Human Body Model (HBM),
Q100-002 for all pins; (100pF/1,5kΩ)
-2
–
2
kV
ALL
ESD CDM
Corner
CDM corner pins
ESD according to Charged Device Model (CDM),
Q100-011 Corner pins
-750
–
750
V
Corner
ESD CDM
CDM all pins
ESD according to Charged Device Model (CDM),
Q100-011 All pins
-500
–
500
V
ALL
3.4
Temperature range
Table 4. Device operating temperature
Symbol
Parameter
Test condition
Min Typ Max
Unit Pin
Tamb
Operating ambient temperature
-40
–
135
°C
ALL
Tj
Junction temperature
-40
–
175
°C
ALL
Tstg
Storage temperature
–
-50
–
175
°C
ALL
Tpas
Maximum non/operating temperature during
passive lifetime
–
-55
–
150(1)
°C
ALL
RTh j-a Thermal Resistance junction to ambient
Package: PWSSO36
2s2p (4L) board(2)
Natural convection
–
22
–
°C/W ALL
RTh j-c Thermal Resistance junction to case
–
1
–
RTh j-b Thermal Resistance junction to board
–
7
–
RTh j-a Thermal Resistance junction to ambient
Package: TQFP48 (E-pad: 5x5 mm)
2s2p (4L) board(2)
Natural convection
–
27
–
°C/W ALL
RTh j-c Thermal Resistance junction to case
–
2
–
RTh j-b Thermal Resistance junction to board
–
9
–
1. 175°C are allowed for limited time. Eventual Mission profiles with passive lifetime temperature >150°C have to be evaluated
by ST to confirm that product qualification is able to cover the required conditions.
2. JESD51-7
All parameters are guaranteed, and tested, in the temperature range from Tj -40 to 150 °C (unless otherwise
specified); the device is still operative and functional at higher temperatures (up to Tj 175 °C). Device functionality
at high temperature up to Tj = 175 °C is guaranteed by bench validation, electrical parameters are guaranteed by
correlation with ATE tests at reduced temperature and adjusted limits (if needed).
L9305
Product Characteristics
DS12774 - Rev 10
page 10/107



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com