Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

L9915B Datasheet(PDF) 15 Page - STMicroelectronics

Part # L9915B
Description  C-terminal alternator voltage regulator (CTAVR)
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9915B Datasheet(HTML) 15 Page - STMicroelectronics

Back Button L9915B Datasheet HTML 11Page - STMicroelectronics L9915B Datasheet HTML 12Page - STMicroelectronics L9915B Datasheet HTML 13Page - STMicroelectronics L9915B Datasheet HTML 14Page - STMicroelectronics L9915B Datasheet HTML 15Page - STMicroelectronics L9915B Datasheet HTML 16Page - STMicroelectronics L9915B Datasheet HTML 17Page - STMicroelectronics L9915B Datasheet HTML 18Page - STMicroelectronics L9915B Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
DocID027541 Rev 1
15/20
L9915B
Electrical specification
19
3.3.6
Pin ‘L’
VFONdet
Voltage threshold
on-state detection
Figure 10 on page 16
0.9
1.1
1.3
V
fFSW
Field switching frequency
-
212.5
250
287.5
Hz
TFrise
Field voltage rise time
-
5
-
25
μs
TFfall
Field voltage fall time
-
5
-
25
μs
DFPreex Field duty cycle in pre-excitation -
11
12.5
14
%
DFSS
Field duty cycle in self start
-
4
6
8
%
DFef
Field duty cycle during
excitation FIXED
-
345
%
TFLRCUP
Load response control time
(0 % to 100 % DC)
--
0
-
s
TFSDT
Start delay time in internal mode
only
--
0
-
s
Table 10. Electrical characteristics - Pin ‘F’ (continued)
Symbol
Parameter
Test condition
Min
Typ
Max
Unit
Table 11. Electrical characteristics - Pin ‘L’
Symbol
Parameter
Test condition
Min
Typ
Max
Unit
VLsat
Lamp driver
saturation voltage
VB = 12.5 V; Isunk = 0.5 A
1
1.2
1.4
V
VLsatSB
Lamp driver
saturation voltage in
self bias condition
B pin floating; Isunk = 300 mA
1
-
4
V
RLpulldw Pull down resistor
-
2
4
8.2
kΩ
VLHTh
High voltage
threshold key-ON
detector
-
0.8
0.9
1
V
VLLTh
Low voltage
threshold key-on
detector
-
0.7
0.8
0.9
V
ILlim
Over-current
limitation
-
1
1.5
2
A
TLOC
Maximum time
duration of linear
current limitation
See Figure 11 on page 16
25
30
35
ms
TLretry
Retry time in case of
over-current
duration > TLOC
510
600
690
ms
TLdelay
Turn on delay time
-
-
-
100
μs
TLalarm
Alarm validation
time
-
380
440
500
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com