Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

L9915B Datasheet(PDF) 4 Page - STMicroelectronics

Part # L9915B
Description  C-terminal alternator voltage regulator (CTAVR)
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9915B Datasheet(HTML) 4 Page - STMicroelectronics

  L9915B Datasheet HTML 1Page - STMicroelectronics L9915B Datasheet HTML 2Page - STMicroelectronics L9915B Datasheet HTML 3Page - STMicroelectronics L9915B Datasheet HTML 4Page - STMicroelectronics L9915B Datasheet HTML 5Page - STMicroelectronics L9915B Datasheet HTML 6Page - STMicroelectronics L9915B Datasheet HTML 7Page - STMicroelectronics L9915B Datasheet HTML 8Page - STMicroelectronics L9915B Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
List of figures
L9915B
4/20
DocID027541 Rev 1
List of figures
Figure 1.
Application schematic . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5
Figure 2.
Pin connection (top view) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7
Figure 3.
Internal regulation curves versus temperature @ F duty cycle = 15% . . . . . . . . . . . . . . . . 10
Figure 4.
External regulation curve versus C duty cycle @ TJ = 30 °C and F duty cycle = 15% . . . . 10
Figure 5.
Cranking security function diagram. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .11
Figure 6.
Pin ‘C’ circuit and waveform . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12
Figure 7.
Pin ‘C’ terminal signal diagram . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12
Figure 8.
Pin ‘FM’ circuit and waveform . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 13
Figure 9.
Principle of phase regulation. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 14
Figure 10.
Retry time in case of over-current diagram. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 16
Figure 11.
Retry time in case of over-current duration > TLOC diagram . . . . . . . . . . . . . . . . . . . . . . . 16
Figure 12.
Multiwatt 8 (pin 5GND) package outline . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com