Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PX0839/90 Datasheet(PDF) 2 Page - Bulgin Limited. All rights reserved.

Part # PX0839/90
Description  Standard Buccaneer - Ethernet
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BULGINLIMITED [Bulgin Limited. All rights reserved.]
Direct Link  https://www.bulgin.com/
Logo BULGINLIMITED - Bulgin Limited. All rights reserved.

PX0839/90 Datasheet(HTML) 2 Page - Bulgin Limited. All rights reserved.

  PX0839/90 Datasheet HTML 1Page - Bulgin Limited. All rights reserved. PX0839/90 Datasheet HTML 2Page - Bulgin Limited. All rights reserved. PX0839/90 Datasheet HTML 3Page - Bulgin Limited. All rights reserved. PX0839/90 Datasheet HTML 4Page - Bulgin Limited. All rights reserved. PX0839/90 Datasheet HTML 5Page - Bulgin Limited. All rights reserved. PX0839/90 Datasheet HTML 6Page - Bulgin Limited. All rights reserved. PX0839/90 Datasheet HTML 7Page - Bulgin Limited. All rights reserved.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Buccaneer for Data 65
BUCCANEER FOR DATA
Standard Buccaneer - Ethernet
Patch Cord Flex Connector - PUR Jacket
PX0836
Part no.
Type
Length Description
PX0836/2M00
PX0836/3M00
PX0836/5M00
PX0837/2M00
PX0837/3M00
PX0837/5M00
PX0838/2M00
PX0838/3M00
PX0838/5M00
PX0896/2M00
PX0896/3M00
PX0896/5M00
PX0897/2M00
PX0897/3M00
PX0897/5M00
PX0898/2M00
PX0898/3M00
PX0898/5M00
Wire end
Wire end
Wire end
Single ended
Single ended
Single ended
Double ended
Double ended
Double ended
Wire end
Wire end
Wire end
Single ended
Single ended
Single ended
Double ended
Double ended
Double ended
2m
3m
5m
2m
3m
5m
2m
3m
5m
2m
3m
5m
2m
3m
5m
2m
3m
5m
Cat 5e IP68 RJ45 Buccaneer to bare end
Cat 5e IP68 RJ45 Buccaneer to bare end
Cat 5e IP68 RJ45 Buccaneer to bare end
Cat 5e IP68 RJ45 Buccaneer to Shielded RJ45
Cat 5e IP68 RJ45 Buccaneer to Shielded RJ45
Cat 5e IP68 RJ45 Buccaneer to Shielded RJ45
Cat 5e IP68 RJ45 Buccaneer to IP68 RJ45 Buccaneer
Cat 5e IP68 RJ45 Buccaneer to IP68 RJ45 Buccaneer
Cat 5e IP68 RJ45 Buccaneer to IP68 RJ45 Buccaneer
Cat 6a IP68 RJ45 Buccaneer to bare end
Cat 6a IP68 RJ45 Buccaneer to bare end
Cat 6a IP68 RJ45 Buccaneer to bare end
Cat 6a IP68 RJ45 Buccaneer to Shielded RJ45
Cat 6a IP68 RJ45 Buccaneer to Shielded RJ45
Cat 6a IP68 RJ45 Buccaneer to Shielded RJ45
Cat 6a IP68 RJ45 Buccaneer to IP68 RJ45 Buccaneer
Cat 6a IP68 RJ45 Buccaneer to IP68 RJ45 Buccaneer
Cat 6a IP68 RJ45 Buccaneer to IP68 RJ45 Buccaneer
Mates with all panel mounting
connectors
Patchcords with IP68 connector
Supplied with shielded RJ45 plug
Single or double end terminated
Standard lengths: 2m, 3m & 5m
S-FTP cable construction
PUR / PVC jacket cable
Wiring configuration to 568-B
Re wireable Flex Connector
PX0834
Part no.
Description
Mates with all panel mounting
connectors
Supplied with shielded RJ45
plug
Two versions:
PUR / PVC jacket cable (Cat 5e / 6a)
for other cable sizes from
3.5 to 8mm dia.
Cat 5e mates with PX0836, PX0837,
PX0838 & PX0834 flex connectors
Cat 6a mates with PX0896, PX0897,
PX0898 & PX0894 flex connectors
Standard RJ45 patchcord can be
plugged into rear
Version with earth wire available
Single hole fixing
Complete with panel sealing gasket
Panel Mounting Connector
PX0833
PX0834/A
PX0834/B
PX0894/A
PX0894/B
Cat 5e Cable glands optimised for PUR jacket cable to maintain Cat 5e performance
Cat 5e Suitable for use with cables from 3.5 to 8mm diameter
Cat 6a Cable glands optimised for PVC jacket cable to maintain Cat 6a performance
Cat 6a Suitable for use with cables from 3.5 to 8mm diameter
Part no.
Description
Fixing
PX0833
PX0833/E
PX0893
PX0893/E
Cat 5e coupler
Cat 5e coupler + earth wire
Cat 6a coupler
Cat 6a coupler + earth wire
Front panel mounted
Front panel mounted
Front panel mounted
Front panel mounted



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com