Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PX0839/90 Datasheet(PDF) 5 Page - Bulgin Limited. All rights reserved.

Part # PX0839/90
Description  Standard Buccaneer - Ethernet
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BULGINLIMITED [Bulgin Limited. All rights reserved.]
Direct Link  https://www.bulgin.com/
Logo BULGINLIMITED - Bulgin Limited. All rights reserved.

PX0839/90 Datasheet(HTML) 5 Page - Bulgin Limited. All rights reserved.

  PX0839/90 Datasheet HTML 1Page - Bulgin Limited. All rights reserved. PX0839/90 Datasheet HTML 2Page - Bulgin Limited. All rights reserved. PX0839/90 Datasheet HTML 3Page - Bulgin Limited. All rights reserved. PX0839/90 Datasheet HTML 4Page - Bulgin Limited. All rights reserved. PX0839/90 Datasheet HTML 5Page - Bulgin Limited. All rights reserved. PX0839/90 Datasheet HTML 6Page - Bulgin Limited. All rights reserved. PX0839/90 Datasheet HTML 7Page - Bulgin Limited. All rights reserved.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
68 Buccaneer for Data
BUCCANEER FOR DATA
Standard Buccaneer - Ethernet
Sealing
Operating Temperature
Materials - Overmoulded
Overmould material
Flammability rating
Salt Mist
IP69K, Tested in accordance with
DIN 40050/Part 9 IP6k9k
IP68, EN60529:1992+A2:2013
(10m depth for 2 weeks)
–20°C to +70°C
PVC (black)
UL94V-0
EN60068-2-52 Test Kb Salt Mist
(Cyclic) Marine Severity Level 1
Connectors
Materials - Re-wireable and Panel Connectors
Connector body & locking ring
Panel connector
Flammability rating
‘O’ rings
Panel Gasket - round
Panel Gasket - flange
RoHS
Polyester
Nylon 6
UL94V-0
Silicone
Silicone
Neoprene
Compliant
Cable construction - PX0836, PX0837, PX0838 and 14199
Cables
Conductors
Insulation
Pair
Core
Screen
Braid
Sheath
Op Temperature
Diameter
Flame Test
Electrical @ 20°C
Characteristic:
Impedance
Capacitance
Conductor Loop
Resistance
Skew
TIA/EIA Rating
Mechanical Characteristics
Minimum Tensile Strength of Jacket (kgf/mm2)
Maximum Length for Strip of Jacket (mm)
24AWG (7/0.2mm) bare copper
HD-PE
2 of the above cores twisted
4 of the above cores
1 layer mylar and aluminium tape,
0.12mm tinned copper braid
PUR Jacket Black
–25°C to +85°C
6.1mm nominal
100 Ω ±15 Ω @ 100MHz
330pF/km
29/Ω100m maximum
45 nsec/100m @ 100MHz
Cat 5e
Polyurethane (PUR) Jacket
Braiding
7/0.12mm
Drain Wire
24 AWG
7/0.20mm conductor
Jacket
6.10mm dia
Cat 5e
26AWG (7/0.16mm) bare copper
PE (Skin - Foam - Skin)
2 of the above cores twisted
4 of the above cores
Aluminium & Polyester
Tinned Copper Braid
PVC Jacket Black
–25°C to +75°C
6.0 mm nominal
FT4
26Ω /km
Cat 6A
1.05
40
Cat 6a
Cable construction - PX0896, PX0897, PX0898 and 15241
Polyvinyl Chloride (PVC) Jacket
Braid Shield
Jacket
Twisted Pair
Aluminum Polyester
1P
1P
2P
2P
4P
4P
3P
3P
Mylar Tape
Insulation - HD - PE
Aluminium/ PEPT tape



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com