Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TDA7396 Datasheet(PDF) 7 Page - STMicroelectronics

Part # TDA7396
Description  45W/2W BRIDGE CAR RADIO AMPLIFIER WITH DIAGNOSTIC FACILITY
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7396 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button TDA7396_V01 Datasheet HTML 3Page - STMicroelectronics TDA7396_V01 Datasheet HTML 4Page - STMicroelectronics TDA7396_V01 Datasheet HTML 5Page - STMicroelectronics TDA7396_V01 Datasheet HTML 6Page - STMicroelectronics TDA7396_V01 Datasheet HTML 7Page - STMicroelectronics TDA7396_V01 Datasheet HTML 8Page - STMicroelectronics TDA7396_V01 Datasheet HTML 9Page - STMicroelectronics TDA7396_V01 Datasheet HTML 10Page - STMicroelectronics TDA7396_V01 Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
1
2
11
IN-
C2 0.22
µF
C1 0.22
µF
IN+
8
ST-BY
10
6
OUT+
OUT-
7
5
4
5V
CD-DIA
TDA7396
D93AU108
R3
100K
Ω
C4 1000
µF
GND
R2
51K
Ω
C3
10
µF
C5 100nF
39
TO
µC
+VS
VS
SW1
J1
R1 15K
Ω
C6
100nF
Figure 14: Application Circuit
Figure 15: P.C. Board and Component Layout (1:1 scale)
TDA7396
7/11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com