Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TDA7396 Datasheet(PDF) 4 Page - STMicroelectronics

Part # TDA7396
Description  45W/2W BRIDGE CAR RADIO AMPLIFIER WITH DIAGNOSTIC FACILITY
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7396 Datasheet(HTML) 4 Page - STMicroelectronics

  TDA7396_V01 Datasheet HTML 1Page - STMicroelectronics TDA7396_V01 Datasheet HTML 2Page - STMicroelectronics TDA7396_V01 Datasheet HTML 3Page - STMicroelectronics TDA7396_V01 Datasheet HTML 4Page - STMicroelectronics TDA7396_V01 Datasheet HTML 5Page - STMicroelectronics TDA7396_V01 Datasheet HTML 6Page - STMicroelectronics TDA7396_V01 Datasheet HTML 7Page - STMicroelectronics TDA7396_V01 Datasheet HTML 8Page - STMicroelectronics TDA7396_V01 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
FUNCTIONAL DESCRIPTION
Pin
Function
Description
1, 2
INPUTS
The input stage is a high impedance differential type also capable of operation in single
ended mode with one input capacitively coupled to the signal GND. the impedance seen
by the inverting and non inverting input pins must be matched.
4
CD - DIA
The TDA7396 is equipped with a diagnostics circuitry able to detect the following events:
- Clipping in the Output Signal
- Thermal Shutdown
- Open Load (before turn-on)
- Shorted Output: to GND, to Vs, across the load (after turn-on)
The CD-DIA(open collector) pin gives out the diagnostics signal (low during clipping or
output fault condition).
The device does not work as long as the faulty condition holds; the normal operation is
automatically restored after the fault removal.
5, 7
OUTPUTS
The output stage is a bridge type able to drive loads as high as 2
Ω.
It consists of two class AB fully complementary PNP/NPN stages fully protected.
A rail to rail output voltage swing is achieved with no need of bootstrap capacitors.
No external compensation is necessary.
8
STAND-BY
The device features a ST-BY function which shuts down all the internal bias supplies
when the ST-BY input is low.
In ST-BY mode the amplifier sinks a small current (in the range of few
µA).
When the ST-BY pin is high the IC becomes fully operational.
10
SYNC
A resistor (RS) has to be connect between pin 10 and GND in order to program the
current that flows into CM capacitor (pin 11). The values of CM and RS determine the time
required to bias the amplifier.
11
MUTE
a) The pin will have a capacitor (CM) tied to GND to set the MUTE/STAND-BY time. An
automatic Mute during turn on/off is provided to prevent noisy transients
b) If a independent Mute function is needed, an external transistor circuit (see fig. 4) may
be connected to this pin; 1% precision resistors have to be used for REXT / RS in to order
to reach the fixed limits 0.63
≤ REXT / RS ≤ 0.69
1
2
11
IN-
0.22
µF
0.22
µF
IN+
8
STANDBY
TO
µC or VS
10
6
OUT+
OUT-
7
5
4
Vref
CD-DIA
TDA7396
D93AU007
10K
Ω
1000
µF
GND
RS
CM
100nF
39
TO
µC
+VS
REXT
TO
µC
Figure 3: Application Circuit with External Mute Control
TDA7396
4/11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com