Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

L99PM62XP Datasheet(PDF) 1 Page - STMicroelectronics

Part # L99PM62XP
Description  Power management IC with LIN and high speed CAN
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99PM62XP Datasheet(HTML) 1 Page - STMicroelectronics

  L99PM62XP Datasheet HTML 1Page - STMicroelectronics L99PM62XP Datasheet HTML 2Page - STMicroelectronics L99PM62XP Datasheet HTML 3Page - STMicroelectronics L99PM62XP Datasheet HTML 4Page - STMicroelectronics L99PM62XP Datasheet HTML 5Page - STMicroelectronics L99PM62XP Datasheet HTML 6Page - STMicroelectronics L99PM62XP Datasheet HTML 7Page - STMicroelectronics L99PM62XP Datasheet HTML 8Page - STMicroelectronics L99PM62XP Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 98 page
background image
September 2013
Doc ID 16363 Rev 4
1/98
1
L99PM62XP
Power management IC with LIN and high speed CAN
Features
■
Two 5V voltage regulators for microcontroller
and peripheral supply
■
No electrolytic capacitor required on regulator
outputs
■
Ultra low quiescent current in standby modes
■
Programmable reset generator for power-on
and undervoltage
■
Configurable window watchdog and fail safe
output
■
LIN 2.1 compliant (SAEJ2602 compatible)
transceiver
■
Advanced HS CAN transceiver (ISO 11898-2/-
5 and SAE J2284 compliant) with local failure
and bus failure diagnosis
■
HS CAN transceiver supports partial
networking
■
Complete 3 channel contact monitoring
interface with programmable cyclic sense
functionality
■
Programmable periodic system wake up
feature
■
ST SPI interface for mode control and
diagnosis
■
5 fully protected high-side drivers with internal
4-channel PWM generator
■
2 low-side drivers with active zener clamping
■
4 internal PWM timers
■
2 operational amplifiers with rail-to-rail outputs
(VS) and low voltage inputs
■
Temperature warning and thermal shutdown
Applications
■
Automotive ECU's such as door zone and body
control modules
Description
The L99PM62XP is a power management system
IC providing electronic control units with
enhanced system power supply functionality
including various standby modes as well as LIN
and HS CAN physical communication layers. It
contains two low drop voltage regulators to supply
the system microcontroller and external
peripheral loads such as sensors and provides
enhanced system standby functionality with
programmable local and remote wake up
capability.
In addition, five high-side drivers, two low-side
drivers and two operational amplifiers increase
the system integration level.
The ST standard SPI interface (3.0) allows control
and diagnosis of the device and enables generic
software development.
Table 1.
Device summary
Package
Order codes
Tube
Tape and reel
PowerSSO-36
L99PM62XP
L99PM62XPTR
PowerSSO-36
www.st.com


Similar Part No. - L99PM62XP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L99PM62XP STMICROELECTRONICS-L99PM62XP Datasheet
1Mb / 98P
Power management IC with LIN and high speed CAN
29-Nov-2011
More results

Similar Description - L99PM62XP

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC33903 FREESCALE-MC33903 Datasheet
2Mb / 98P
SBC Gen2 with CAN High Speed and LIN Interface
33903 FREESCALE-33903 Datasheet
2Mb / 104P
SBC Gen2 with CAN High Speed and LIN Interface
logo
STMicroelectronics
L99PM62XP STMICROELECTRONICS-L99PM62XP Datasheet
1Mb / 98P
Power management IC with LIN and high speed CAN
29-Nov-2011
logo
Freescale Semiconductor...
MC33905D FREESCALE-MC33905D Datasheet
1Mb / 766P
SBC Gen2 with CAN High Speed and LIN Interface
MC33903_4 FREESCALE-MC33903_4_5 Datasheet
1Mb / 106P
SBC Gen2 with CAN High Speed and LIN Interface
MCZ33905CS5EK FREESCALE-MCZ33905CS5EK Datasheet
1Mb / 106P
SBC Gen2 with CAN High Speed and LIN Interface
logo
NXP Semiconductors
MC33907-MC33908D2 NXP-MC33907-MC33908D2 Datasheet
2Mb / 123P
Power system basis chip with high speed CAN and LIN transceivers
Rev. 5.0, 10/2016
logo
STMicroelectronics
SPSB081 STMICROELECTRONICS-SPSB081 Datasheet
3Mb / 135P
Automotive power management IC with LIN and CAN-FD
05-Oct-2022
logo
NXP Semiconductors
33903 NXP-33903 Datasheet
2Mb / 107P
SBC Gen2 with CAN high speed and LIN interface
Rev. 14.0, 2/2018
MC33903 NXP-MC33903 Datasheet
2Mb / 111P
SBC Gen2 with CAN high speed and LIN interface
Rev. 15.0, 6/2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com