Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

M41ST85W Datasheet(PDF) 39 Page - STMicroelectronics

Part # M41ST85W
Description  3.0/3.3 V I²C combination serial RTC, NVRAM supervisor and microprocessor supervisor
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41ST85W Datasheet(HTML) 39 Page - STMicroelectronics

Back Button M41ST85W Datasheet HTML 35Page - STMicroelectronics M41ST85W Datasheet HTML 36Page - STMicroelectronics M41ST85W Datasheet HTML 37Page - STMicroelectronics M41ST85W Datasheet HTML 38Page - STMicroelectronics M41ST85W Datasheet HTML 39Page - STMicroelectronics M41ST85W Datasheet HTML 40Page - STMicroelectronics M41ST85W Datasheet HTML 41Page - STMicroelectronics M41ST85W Datasheet HTML 42Page - STMicroelectronics M41ST85W Datasheet HTML 43Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 39 / 43 page
background image
DocID7531 Rev 12
39/43
M41ST85W
Package mechanical data
43
Figure 26. Reel schematic
Note:
The dimensions given in Table 19 incorporate tolerances that cover all variations on critical
parameters.
A
D
B
Full radius
Tape slot
In core for
Tape start
2.5mm min.width
G measured
At hub
C
N
40mm min.
Access hole
At slot location
T
AM04928v1
Table 19. Reel dimensions for 24 mm carrier tape (SOH28 and SOX28 packages)
Carrier tape
A
(max)
B
(min)
C
D
(min)
N
(min)
G
T
(max)
24 mm
(SOH28, SOX28)
330 mm
(13-inch)
1.5 mm
13 mm
± 0.2 mm
20.2 mm
60 mm
24.4 mm
+ 2/–0 mm
30.4 mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com