Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

FERD40H100STS Datasheet(PDF) 2 Page - STMicroelectronics

Part # FERD40H100STS
Description  100 V, 40 A field-effect rectifier diode
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

FERD40H100STS Datasheet(HTML) 2 Page - STMicroelectronics

  FERD40H100STS Datasheet HTML 1Page - STMicroelectronics FERD40H100STS Datasheet HTML 2Page - STMicroelectronics FERD40H100STS Datasheet HTML 3Page - STMicroelectronics FERD40H100STS Datasheet HTML 4Page - STMicroelectronics FERD40H100STS Datasheet HTML 5Page - STMicroelectronics FERD40H100STS Datasheet HTML 6Page - STMicroelectronics FERD40H100STS Datasheet HTML 7Page - STMicroelectronics FERD40H100STS Datasheet HTML 8Page - STMicroelectronics FERD40H100STS Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
1
Characteristics
Table 1. Absolute ratings (limiting values at 25 °C, unless otherwise specified, anode terminals short
circuited)
Symbol
Parameter
Value
Unit
VRRM
Repetitive peak reverse voltage
100
V
IF(RMS)
Forward rms current
60
A
IF(AV)
Average forward current, δ = 0.5 square wave
40
A
IFSM
Surge non repetitive forward current
tp = 10 ms sinusoidal
440
A
Tstg
Storage temperature range
-65 to +175
°C
Tj
Maximum operating junction temperature(1)
+175
°C
1. (dPtot/dTj) < (1/Rth(j-a)) condition to avoid thermal runaway for a diode on its own heatsink.
Table 2. Thermal resistance parameter
Symbol
Parameter
Max. value
Unit
Rth(j-c)
Junction to case
TO-220AB, D2PAK
0.8
°C/W
TO-220FPAB
3.3
Table 3. Static electrical characteristics (anode terminals short circuited)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
IR(1)
Reverse leakage current
Tj = 25 °C
VR = VRRM
-
190
µA
Tj = 125 °C
-
12
24
mA
Tj = 125 °C
VR = 70 V
-
6
12
VF(2)
Forward voltage drop
Tj = 25 °C
IF = 4 A
-
0.380
0.430
V
Tj = 125 °C
-
0.325
0.375
Tj = 25 °C
IF = 10 A
-
0.465
0.525
Tj = 125 °C
-
0.455
0.510
Tj = 25 °C
IF = 20 A
-
0.600
0.675
Tj = 125 °C
-
0.550
0.600
Tj = 125 °C
IF = 40 A
-
0.645
0.705
1. Pulse test: tp = 5 ms, δ < 2%
2. Pulse test: tp = 380 µs, δ < 2%
To evaluate the conduction losses, use the following equation:
P = 0.420 x IF(AV) + 0.009 x IF2(RMS)
For more information, please refer to the following application notes related to the power losses :
AN604: Calculation of conduction losses in a power rectifier
AN4021: Calculation of reverse losses on a power diode
FERD40H100S
Characteristics
DS11576 - Rev 2
page 2/14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com