Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

FERD40H100STS Datasheet(PDF) 4 Page - STMicroelectronics

Part # FERD40H100STS
Description  100 V, 40 A field-effect rectifier diode
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

FERD40H100STS Datasheet(HTML) 4 Page - STMicroelectronics

  FERD40H100STS Datasheet HTML 1Page - STMicroelectronics FERD40H100STS Datasheet HTML 2Page - STMicroelectronics FERD40H100STS Datasheet HTML 3Page - STMicroelectronics FERD40H100STS Datasheet HTML 4Page - STMicroelectronics FERD40H100STS Datasheet HTML 5Page - STMicroelectronics FERD40H100STS Datasheet HTML 6Page - STMicroelectronics FERD40H100STS Datasheet HTML 7Page - STMicroelectronics FERD40H100STS Datasheet HTML 8Page - STMicroelectronics FERD40H100STS Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Figure 5. Junction capacitance versus reverse voltage
applied (typical values)
100
1000
10000
1
10
100
C(pF)
VR(V)
F = 1 MHz
VOSC = 30 mVRMS
Tj = 25 °C
Figure 6. Forward voltage drop versus forward current
(typical values)
0.1
1.0
10.0
100.0
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
IF(A)
VF(V)
Tj = 75 °C
Tj = 25 °C
Tj = 125 °C
Figure 7. Forward voltage drop versus forward current
(typical values)
0
10
20
30
40
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
IF(A)
VF(V)
Tj = 125 °C
Tj = 25 °C
Tj = 75 °C
Figure 8. Thermal resistance junction to ambient versus
copper surface under tab (typical values)
0
10
20
30
40
50
60
70
80
0
5
10
15
20
25
30
35
40
Rth(j-a) (°C/W)
D²PAK
Epoxy printed board FR4, copper thickness = 35 µm
SCu(cm²)
FERD40H100S
Characteristics (curves)
DS11576 - Rev 2
page 4/14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com