Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

GS-C200S Datasheet(PDF) 25 Page - STMicroelectronics

Part # GS-C200S
Description  INTELLIGENT STEPPER MOTOR CONTROLLERS
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

GS-C200S Datasheet(HTML) 25 Page - STMicroelectronics

Back Button GS-C200S Datasheet HTML 21Page - STMicroelectronics GS-C200S Datasheet HTML 22Page - STMicroelectronics GS-C200S Datasheet HTML 23Page - STMicroelectronics GS-C200S Datasheet HTML 24Page - STMicroelectronics GS-C200S Datasheet HTML 25Page - STMicroelectronics GS-C200S Datasheet HTML 26Page - STMicroelectronics GS-C200S Datasheet HTML 27Page - STMicroelectronics GS-C200S Datasheet HTML 28Page - STMicroelectronics GS-C200S Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 31 page
background image
25/31
Let’s assume the following values are needed:
Irest = 0.25A
Iramp = 1.5A
Islew = 0.5A
The logic condition of the RAMP and MOV outputs
in the various states is:
During the ramping phase both pins 22 and
23 are high: Tr1 is ON and Tr2 is OFF.
During the slew phase pin 23 is low and pin
22 is high: Tr1 and Tr2 are OFF.
In stall condition Tr1 is OFF and Tr2 is ON.
The value of R1, R2, R3 is determined as follows
(for further details please see the GS-D200/200S
data sheet). The value of R3, that fixes the Islew =
= 0.5A (Tr1 and Tr2 OFF), is easily calculated by
referring to the GS-D data sheet:
R3
=
Islew
1
− 0.933
⋅ Islew
R3
= 937 Ω
The value of the R2 resistor, when paralleled to R3,
fixes the value of Irest = 0.25A (Tr1 OFF, Tr2 ON).
R2 //
R3
=
Irest
1
− 0.933
⋅ I
rest
R2 // R3 = 326
Ω
R2 = 500
Ω
The value of R1, that depends on the value of R3
and the resistors contained in the GS-D200/200S
module, fixes Iramp = 1.5A (Tr1 ON, Tr2 OFF).
The values of the internal resistors are:
1.2k
Ω to ground and 10kΩ to VSS for the
GS-D200
750
Ω to ground and 10kΩ to VSS for the
GS-D200S
Assuming the GS-D200S is used, after some
straightforward calculations, it results:
R1 = 4245
Ω
of course all these values do not take into account the
transistors saturation losses and in some cases, when
a very precise current is needed, a trimming is required.
GALVANIC ISOLATION
The industrial environment, where normally a step-
per motor and its driving system operate, is very
noisy and for this reason it is often advisable to have
a galvanic isolation between the Host computer and
the motion system. Because the connection bet-
ween the Host and the GS-C module requires only
three wires (TxD, RxD and ground), the galvanic
isolation can be implemented as per fig. 12 that
uses only two optocouplers and two resistors, one
protection diode and a +12 or +15V source.
A +12 or +15V source is normally available on the
pin 6 and 8 of any RS232 connector. The source
impedance is quite high (in the range of 220 to
600
Ω) and for this reason the value of R2 must be
greater than 1000
Ω to avoid the source overload.
Figure 12. GS-C200 to Host galvanic isolation.
GS-C200 / GS-C200S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com