Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

GS-C200S Datasheet(PDF) 29 Page - STMicroelectronics

Part # GS-C200S
Description  INTELLIGENT STEPPER MOTOR CONTROLLERS
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

GS-C200S Datasheet(HTML) 29 Page - STMicroelectronics

Back Button GS-C200S Datasheet HTML 23Page - STMicroelectronics GS-C200S Datasheet HTML 24Page - STMicroelectronics GS-C200S Datasheet HTML 25Page - STMicroelectronics GS-C200S Datasheet HTML 26Page - STMicroelectronics GS-C200S Datasheet HTML 27Page - STMicroelectronics GS-C200S Datasheet HTML 28Page - STMicroelectronics GS-C200S Datasheet HTML 29Page - STMicroelectronics GS-C200S Datasheet HTML 30Page - STMicroelectronics GS-C200S Datasheet HTML 31Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 29 / 31 page
background image
29/31
Figure 20. Typical Single Step Response.
ELECTRONIC DAMPING
Any stepper motor system when driven at very low
stepping rates, has an oscillatory step response as
shown in fig. 20.
This oscillatory behaviour is due to fact that the
motor reaches the stall position after each excita-
tion change through an acceleration and a succes-
sive deceleration. This causes the motor shaft to
rotate with jumps instead of uniform motion.
Another consequence of this oscillatory single step
response is that the long system settling time can
cause mechanical stresses to the driven load.
A second tedious effect is the enhancement of the
rotor oscillation when the driving step rate ap-
proaches the natural resonance frequency of the
motor. If the step rate is lower than this frequency,
the motor is behind the equilibrium position and the
velocity is near to zero when the next excitation
change occurs.
When the step rate is increased to a value close to
the natural resonance frequency, an increase of the
oscillations also occurs, and as soon as the oscilla-
tion amplitude exceeds the step amplitude, the
corrispondence between the rotor position and the
excitation sequence is lost and any subsequent
rotor movement is erratic as shown in fig. 21.
A simple method to reduce the oscillations problem
is to use the half step driving, but this also limits the
maximum speed of the system.
When this limitation is not acceptable, other two
basic techniques may be adopted to damp the
system oscillations:
1.
A mechanical damper
2.
An electronic damping circuit.
Figure 21. Slow Speed Step Response.
GS-C200 / GS-C200S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com