Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SM6F13AY Datasheet(PDF) 7 Page - STMicroelectronics

Part # SM6F13AY
Description  Automotive 600 W TVS in SOD128 Flat
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SM6F13AY Datasheet(HTML) 7 Page - STMicroelectronics

Back Button SM6F13AY Datasheet HTML 3Page - STMicroelectronics SM6F13AY Datasheet HTML 4Page - STMicroelectronics SM6F13AY Datasheet HTML 5Page - STMicroelectronics SM6F13AY Datasheet HTML 6Page - STMicroelectronics SM6F13AY Datasheet HTML 7Page - STMicroelectronics SM6F13AY Datasheet HTML 8Page - STMicroelectronics SM6F13AY Datasheet HTML 9Page - STMicroelectronics SM6F13AY Datasheet HTML 10Page - STMicroelectronics SM6F13AY Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
2
Package information
In order to meet environmental requirements, ST offers these devices in different grades of ECOPACK packages,
depending on their level of environmental compliance. ECOPACK specifications, grade definitions and product
status are available at: www.st.com. ECOPACK is an ST trademark.
2.1
SOD128 Flat package information
Figure 16. SOD128 Flat package outline
Table 3. SOD128 Flat package mechanical data
Ref.
Dimensions
Millimeters
Inches(1)
Min.
Max.
Min.
Max.
A
0.93
1.03
0.037
0.041
b
1.69
1.81
0.067
0.071
c
0.10
0.22
0.004
0.009
D
2.30
2.50
0.091
0.098
E
4.60
4.80
0.181
0.189
E1
3.70
3.90
0.146
0.154
L
0.55
0.85
0.026
0.033
L1
0.30 typ.
0.012 typ.
L2
0.45 typ.
0.018 typ.
1. Values in inches are converted from mm and rounded to 3 decimal digits
SM6FxxAY
Package information
DS13062 - Rev 2
page 7/15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com