Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SM6F13AY Datasheet(PDF) 12 Page - STMicroelectronics

Part # SM6F13AY
Description  Automotive 600 W TVS in SOD128 Flat
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SM6F13AY Datasheet(HTML) 12 Page - STMicroelectronics

Back Button SM6F13AY Datasheet HTML 7Page - STMicroelectronics SM6F13AY Datasheet HTML 8Page - STMicroelectronics SM6F13AY Datasheet HTML 9Page - STMicroelectronics SM6F13AY Datasheet HTML 10Page - STMicroelectronics SM6F13AY Datasheet HTML 11Page - STMicroelectronics SM6F13AY Datasheet HTML 12Page - STMicroelectronics SM6F13AY Datasheet HTML 13Page - STMicroelectronics SM6F13AY Datasheet HTML 14Page - STMicroelectronics SM6F13AY Datasheet HTML 15Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
4
Ordering information
Figure 25. Ordering information scheme
Y
A
x
x
F
6
M
S
Package:
SOD128
Power capability (10 / 1000 µs):
600 W
Flat package
Stand-off voltage:
VRM
Type:
A : unidirectional
Automotive grade
Table 5. Ordering information
Order code
Marking
Package
Weight
Base qty.
Delivery mode
SM6FxxAY
See Table 6. Marking.
SOD128 Flat
28 mg
3000
Tape and reel
SM6FxxAY
Ordering information
DS13062 - Rev 2
page 12/15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com