Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

BAT60J Datasheet(PDF) 1 Page - STMicroelectronics

Part # BAT60J
Description  SMALL SIGNAL SCHOTTKY DIODE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BAT60J Datasheet(HTML) 1 Page - STMicroelectronics

  BAT60J Datasheet HTML 1Page - STMicroelectronics BAT60J Datasheet HTML 2Page - STMicroelectronics BAT60J Datasheet HTML 3Page - STMicroelectronics BAT60J Datasheet HTML 4Page - STMicroelectronics BAT60J Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1/5
BAT60J
®
January 2003 - Ed: 6A
SMALL SIGNAL SCHOTTKY DIODE
s
VERY SMALL CONDUCTION LOSSES
s
NEGLIGIBLE SWITCHING LOSSES
s
LOW FORWARD VOLTAGE DROP
s
EXTREMELY FAST SWITCHING
s
SURFACE MOUNTED DEVICE
FEATURES AND BENEFITS
Schottky barrier diode encapsulated in a SOD-323
small SMD package.
This device is intended for use in portable
equipments. It is suited for DC to DC converters,
step-up conversion and power management.
DESCRIPTION
SOD-323
Symbol
Parameter
Value
Unit
VRRM
Repetitive peak reverse voltage
10
V
IF
Peak forward current
δ = 0.11
3
A
IFSM
Surge non repetitive forward current
tp=10ms
5
A
Ptot
Power Dissipation
Ta=25°C
310
mW
Tstg
Storage temperature range
- 65 to +150
°C
Tj
Maximum operating junction temperature *
150
°C
TL
Maximum temperature for soldering during 10s
260
°C
ABSOLUTE RATINGS (limiting values)
Symbol
Parameter
Value
Unit
Rth (j-a)
Junction to ambient (*)
400
°C/W
(*) Mounted on epoxy board with recommended pad layout.
THERMAL RESISTANCE
*:
dPtot
dTj
Rth j
a
<
1
()
thermal runaway condition for a diode on its own heatsink
A
K
60


Similar Part No. - BAT60J

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BAT60J STMICROELECTRONICS-BAT60J Datasheet
58Kb / 5P
SMALL SIGNAL SCHOTTKY DIODE
May-2000
logo
Shanghai Leiditech Elec...
BAT60J LEIDITECH-BAT60J Datasheet
4Mb / 3P
SCHOTTKY BARRIER DIODE
logo
STMicroelectronics
BAT60JFILM STMICROELECTRONICS-BAT60JFILM Datasheet
58Kb / 5P
SMALL SIGNAL SCHOTTKY DIODE
May-2000
More results

Similar Description - BAT60J

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
1N5711 STMICROELECTRONICS-1N5711 Datasheet
52Kb / 3P
SMALL SIGNAL SCHOTTKY DIODE
Aug-1999
BAT46 STMICROELECTRONICS-BAT46 Datasheet
35Kb / 4P
SMALL SIGNAL SCHOTTKY DIODE
Aug-1999
BAT54J STMICROELECTRONICS-BAT54J Datasheet
52Kb / 5P
SMALL SIGNAL SCHOTTKY DIODE
Jun-1999
BYV10-60 STMICROELECTRONICS-BYV10-60 Datasheet
82Kb / 4P
SMALL SIGNAL SCHOTTKY DIODE
Aug-1999
TMBYV10-60 STMICROELECTRONICS-TMBYV10-60 Datasheet
76Kb / 5P
SMALL SIGNAL SCHOTTKY DIODE
Aug-1999
TMMBAT46 STMICROELECTRONICS-TMMBAT46 Datasheet
56Kb / 4P
SMALL SIGNAL SCHOTTKY DIODE
Aug-1999
logo
Galaxy Semi-Conductor H...
BAT48 BILIN-BAT48 Datasheet
136Kb / 2P
SMALL SIGNAL SCHOTTKY DIODE
logo
Vishay Siliconix
BAS170WS-V VISHAY-BAS170WS-V Datasheet
126Kb / 4P
Small Signal Schottky Diode
02-Jul-07
logo
New Jersey Semi-Conduct...
BAR19 NJSEMI-BAR19 Datasheet
68Kb / 2P
SMALL SIGNAL SCHOTTKY DIODE
logo
STMicroelectronics
TMBAT49FILM STMICROELECTRONICS-TMBAT49FILM Datasheet
76Kb / 6P
Small signal Schottky diode
12-Nov-2010
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com