Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

BAT60J Datasheet(PDF) 4 Page - STMicroelectronics

Part # BAT60J
Description  SMALL SIGNAL SCHOTTKY DIODE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BAT60J Datasheet(HTML) 4 Page - STMicroelectronics

  BAT60J Datasheet HTML 1Page - STMicroelectronics BAT60J Datasheet HTML 2Page - STMicroelectronics BAT60J Datasheet HTML 3Page - STMicroelectronics BAT60J Datasheet HTML 4Page - STMicroelectronics BAT60J Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
BAT60J
4/5
0
25
50
75
100
125
150
1E-1
1E+0
1E+1
1E+2
1E+3
1E+4
1E+5
Tj(°C)
IR[Tj] / IR[Tj=25°C]
VR=8V
Fig. 6: Reverse leackage current versus junction
temperature (typical values).
110
10
100
VR(V)
C(pF)
F=1MHz
Tj=25°C
Fig. 7: Junction capacitance versus reverse voltage
applied (typical values).
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
1E-1
1E+0
1E+1
VFM(V)
IFM(A)
Tj=150°C
(Typical values)
Tj=80°C
(Typical values)
Tj=25°C
(Maximum values)
Fig. 8-1: Forward voltage drop versus forward cur-
rent (High level).
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
VFM(V)
IFM(A)
Tj=150°C
(Typical values)
Tj=25°C
(Maximum values)
Tj=80°C
(Typical values)
Fig. 8-2: Forward voltage drop versus forward cur-
rent (Low level).
0
10
2030405060708090
100
100
150
200
250
300
350
400
450
500
550
600
S(Cu) (mm²)
Rth(j-a) (°C/W)
IF=0.75A
Fig. 9: Thermal resistance junction to ambient ver-
sus copper surface (epoxy printed circuit board FR4,
copper thickness: 35
µm).



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com