Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TUSB321AI Datasheet(PDF) 6 Page - Texas Instruments

Part # TUSB321AI
Description  TUSB321AI USB Type-C Configuration Channel Logic and Port Control with VCONN
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB321AI Datasheet(HTML) 6 Page - Texas Instruments

Back Button TUSB321AI_V01 Datasheet HTML 2Page - Texas Instruments TUSB321AI_V01 Datasheet HTML 3Page - Texas Instruments TUSB321AI_V01 Datasheet HTML 4Page - Texas Instruments TUSB321AI_V01 Datasheet HTML 5Page - Texas Instruments TUSB321AI_V01 Datasheet HTML 6Page - Texas Instruments TUSB321AI_V01 Datasheet HTML 7Page - Texas Instruments TUSB321AI_V01 Datasheet HTML 8Page - Texas Instruments TUSB321AI_V01 Datasheet HTML 9Page - Texas Instruments TUSB321AI_V01 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
0 V
VBUS_THR
VVBUS
Time
tVBUS_DB
6
TUSB321AI
SLLSER2A – OCTOBER 2015 – REVISED MAY 2017
www.ti.com
Product Folder Links: TUSB321AI
Submit Documentation Feedback
Copyright © 2015–2017, Texas Instruments Incorporated
Electrical Characteristics (continued)
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST
CONDITIONS
MIN
TYP
MAX
UNIT
RP(ODext)
External pullup resistor on open drain IOs
(VCONN_FAULT, ID, OUT1, OUT2, DIR)
200
RP(TLext)
Tri-level input external pull-up resistor (PORT)
4.7
RP(cm_med)
External pull-up resistor on CURRENT_MODE pin to
advertise 1.5-A current
500
RP(cm_high)
External pull-up resistor on CURRENT_MODE pin to
advertise 3.0-A current
10
VBUS_DET IO Pins (Connected to System VBUS signal through external resistor)
VBUS(THR)
VBUS threshold range
2.95
3.30
3.80
V
RVBUS
External resistor between VBUS and VBUS_DET pin
855
887
920
R(VBUS_PD)
Internal pulldown resistance for VBUS_DET
95
VCONN
RON
On resistance of the VCONN power FET
1.25
Ω
V(TOL)
Voltage tolerance on VCONN power FET
5.5
V
V(PASS)
Voltage to pass through VCONN power FET
5.5
V
I(VCONN)
VCONN current limit; VCONN is disconnected above this
value
225
300
375
mA
CBULK
Bulk capacitance on VCONN; placed on VDD supply
10
200
µF
6.6 Switching Characteristics
over operating free-air temperature range (unless otherwise noted)
PARAMETER
MIN
TYP
MAX
UNIT
tCCCB_DEFAULT
Power on default of CC1 and CC2 voltage debounce time
168
ms
tVBUS_DB
Debounce of VBUS_DET pin after valid V(BUS_THR) (See Figure 1.)
2
ms
tDRP_DUTY_CYCLE
Power-on default of percentage of time DRP advertises DFP during a TDRP
30%
tDRP
The period TUSB321AI in DRP mode completes a DFP to UFP and back
advertisement.
50
75
100
ms
Figure 1. VBUS Detect and Debounce



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com