Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TUSB321AI Datasheet(PDF) 1 Page - Texas Instruments

Part # TUSB321AI
Description  TUSB321AI USB Type-C Configuration Channel Logic and Port Control with VCONN
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB321AI Datasheet(HTML) 1 Page - Texas Instruments

  TUSB321AI_V01 Datasheet HTML 1Page - Texas Instruments TUSB321AI_V01 Datasheet HTML 2Page - Texas Instruments TUSB321AI_V01 Datasheet HTML 3Page - Texas Instruments TUSB321AI_V01 Datasheet HTML 4Page - Texas Instruments TUSB321AI_V01 Datasheet HTML 5Page - Texas Instruments TUSB321AI_V01 Datasheet HTML 6Page - Texas Instruments TUSB321AI_V01 Datasheet HTML 7Page - Texas Instruments TUSB321AI_V01 Datasheet HTML 8Page - Texas Instruments TUSB321AI_V01 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
CC1
CC2
PORT
VBUS_DET
OUT2
OUT1
VDD
DIR
GND
ID
VBUS
Detection
VCONN
Power Rail
Controller
CURRENT_MODE
VCONN_FAULT
CC Logic
for Mode
Configuration
and Detection
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
TUSB321AI
SLLSER2A – OCTOBER 2015 – REVISED MAY 2017
TUSB321AI USB Type-C Configuration Channel Logic and Port Control with VCONN
1
1 Features
1
USB Type-C™ Specification 1.1
Backward Compatible with USB Type-C
Specification 1.0
Supports Up to 3 A of Current Advertisement
through dedicated Current Mode pin
Mode Configuration
Host Only – DFP (Source)
Device Only – UFP (Sink)
Dual Role Port – DRP
Channel Configuration (CC)
Attach of USB Port Detection
Cable Orientation Detection
Role Detection
Type-C Current Mode advertisement and
detection (Default, Medium, High)
VBUS Detection
VCONN Support for Active Cables
Cable Detection and Direction Control
for External Switches
Supply Voltage: 4.5 V to 5.5 V
Low Current Consumption
Industrial Temperature Range of –40 to 85°C
2 Applications
Host, Device, Dual Role Port Applications
Mobile Phones
Tablets and Notebooks
USB Peripherals
3 Description
The TUSB321AI device enables USB Type-C ports
with the configuration channel (CC) logic needed for
Type-C ecosystems. The TUSB321AI device uses
the CC pins to determine port attach and detach,
cable orientation, role detection, and port control for
Type-C current mode. The TUSB321AI device can be
configured as a downstream facing port (DFP),
upstream facing port (UFP) or a dual role port (DRP)
making it ideal for any application.
The TUSB321AI device when configured as a DRP
alternates configuration as a DFP or UFP according
to the Type-C Specifications. The CC logic block
monitors the CC1 and CC2 pins for pullup or
pulldown resistances to determine when a USB port
has been attached, the orientation of the cable, and
the role detected. The CC logic detects the Type-C
current mode as default, medium, or high depending
on the role detected. VBUS detection is implemented
to determine a successful attach in UFP and DRP
modes.
The device operates over a wide supply range and
has low-power consumption. The TUSB321AI device
is available in industrial and commercial temperature
ranges.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TUSB321AI
X2QFN (12)
1.60 mm × 1.60 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Simplified Schematic
Sample Application


Similar Part No. - TUSB321AI_V01

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TUSB321AIRWBR TI1-TUSB321AIRWBR Datasheet
825Kb / 21P
USB Type-C Configuration Channel Logic and Port Control
TUSB321AIRWBR TI2-TUSB321AIRWBR Datasheet
801Kb / 22P
TUSB321AI USB Type-C Configuration Channel Logic and Port Control with VCONN
REVISED MAY 2017
TUSB321AIRWBR.A TI2-TUSB321AIRWBR.A Datasheet
801Kb / 22P
TUSB321AI USB Type-C Configuration Channel Logic and Port Control with VCONN
REVISED MAY 2017
TUSB321AIRWBRG4.A TI2-TUSB321AIRWBRG4.A Datasheet
801Kb / 22P
TUSB321AI USB Type-C Configuration Channel Logic and Port Control with VCONN
REVISED MAY 2017
TUSB321AI TI1-TUSB321AI_15 Datasheet
825Kb / 21P
TUSB321AI USB Type-C Configuration Channel Logic and Port Control with VCONN
More results

Similar Description - TUSB321AI_V01

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TUSB321AI TI1-TUSB321AI Datasheet
825Kb / 21P
USB Type-C Configuration Channel Logic and Port Control
TUSB322I TI1-TUSB322I Datasheet
1Mb / 37P
Configuration Channel Logic and Port Control
TUSB321AI TI1-TUSB321AI_15 Datasheet
825Kb / 21P
TUSB321AI USB Type-C Configuration Channel Logic and Port Control with VCONN
TUSB322I TI1-TUSB322I_15 Datasheet
1Mb / 37P
TUSB322I USB Type-C??Configuration Channel Logic and Port Control with VCONN
logo
ON Semiconductor
NCP398 ONSEMI-NCP398 Datasheet
686Kb / 12P
USB Type-C VCONN Overvoltage Protection IC
August, 2016 ??Rev. 1
logo
Texas Instruments
TUSB320 TI1-TUSB320 Datasheet
1Mb / 35P
USB Type-C Configuration Channel Logic and Port Control
TUSB320HI TI1-TUSB320HI Datasheet
1Mb / 38P
USB Type-C Configuration Channel Logic and Port Control
TUSB320LAI TI1-TUSB320LAI Datasheet
1Mb / 38P
USB Type-C Configuration Channel Logic and Port Control
TUSB321 TI1-TUSB321 Datasheet
1Mb / 24P
USB Type-C Configuration Channel Logic and Port Control with VCONN
logo
Will Semiconductor Ltd.
WUSB3831Q WILLSEMI-WUSB3831Q Datasheet
699Kb / 15P
USB Type-C CC Adapter with Vconn Support
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com