Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

NLP110 Datasheet(PDF) 4 Page - Artesyn Technologies

Part # NLP110
Description  Single and triple output
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

NLP110 Datasheet(HTML) 4 Page - Artesyn Technologies

  NLP110 Datasheet HTML 1Page - Artesyn Technologies NLP110 Datasheet HTML 2Page - Artesyn Technologies NLP110 Datasheet HTML 3Page - Artesyn Technologies NLP110 Datasheet HTML 4Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Embedded Power for
Business-Critical Continuity
Rev.04.05.08
NLP110 Series
4 of 4
0.23
(5.842)
6.50
(165.10)
1
T1 (REF.)
J4
J1
6.050
(153.670)
2.550
(64.770)
ALL DIMENSIONS IN INCHES (mm)
J2
J3
1
1
2
12
3.00
(76.20
F1
J5
2
1
0.23
(5.842)
!
3
MAXIMUM COMPONENT HEIGHT
IS 1.26 (32.00)
Recommended direction
for forced air relative to
power supply orientation
shown below.
1
Optimum.
2
Very good.
3
Good.
4
Not recommended.
2
3
4
1
Input and output connectors
Mating connectors
AC (J1) connector type
Molex 26-60-4030 or equivalent.
AC (J1) mating connector type
Molex 09-50-3031 or equivalent with Molex 08-50-0105
or equivalent crimp terminals.
DC (J2) connector type
12 position Molex Spox type 26-48
1125 or equivalent.
DC (J2) mating connector type
Molex Spox type 26-03-3121 and contact 08-52-0113.
Sense (J3) connector type
Molex 22-23-2021 or equivalent.
Sense (J3) mating connector type
Molex 22-01-3027 and contact 08-50-0113.
Earth (J4) connector type
Male 0.250 quick disconnect.
Earth (J4) mating connector type
Molex 90028.
Sense (J5) connector type
Leoco 2421P02H000.
Sense (J5) mating connector type
Leoco 2420S020000 and contact 2453TPB00V1.
Americas
5810 Van Allen Way
Carlsbad, CA 92008
USA
Telephone: +1 (760) 930 4600
Facsimile: +1 (760) 930 0698
Europe (UK)
Waterfront Business Park
Merry Hill, Dudley
West Midlands, DY5 1LX
United Kingdom
Telephone: +44 (0) 1384 842 211
Facsimile: +44 (0) 1384 843 355
Asia (HK)
14/F, Lu Plaza
2 Wing Yip Street
Kwun Tong, Kowloon
Hong Kong
Telephone: +852 2176 3333
Facsimile: +852 2176 3888
For global contact, visit:
www.powerconversion.com
technicalsupport@
powerconversion.com
While every precaution has been taken to ensure
accuracy and completeness in this literature, Emerson
Network Power assumes no responsibility, and disclaims
all liability for damages resulting from use of this
information or for any errors or omissions.
Emerson Network Power and the Emerson
Network Power logo are trademarks and
service marks of Emerson Electric Co.
©2008 Emerson Electric Co.
EmersonNetworkPower. com
Embedded Computing
Embedded Power
Monitoring
Outside Plant
Power Switching & Controls
Precision Cooling
Racks & Integrated Cabinets
Services
Surge Protection
Emerson Network Power.
The global leader in enabling
business-critical continuity.
AC Power
Connectivity
DC Power
Input Pin Connections
J1 Pin 1
AC Neutral
Pin 2
No Connection
Pin 3
AC Line
J3 Pin 1
V (A) Sense +
Pin 2
V (A) Sense -
J4 Pin 1
Safety Earth
J5 Pin 1
V (B) Sense +
Pin 2
V (B) Sense -
Output Pin Connections
J2
Single
Triple
Pin 1
No Connection
V (B)
Pin 2
No Connection
V (B)
Pin 3
No Connection
V (B)
Pin 4
Return
Return
Pin 5
Return
Return
Pin 6
Return
Return
Pin 7
Return
Return
Pin 8
V (A)
V (A)
Pin 9
V (A)
V (A)
Pin 10 V (A)
V (A)
Pin 11 No Connection
V (C)
Pin 12 No Connection
V (C) Return (7)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com