Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

NLP110 Datasheet(PDF) 1 Page - Artesyn Technologies

Part # NLP110
Description  Single and triple output
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

NLP110 Datasheet(HTML) 1 Page - Artesyn Technologies

  NLP110 Datasheet HTML 1Page - Artesyn Technologies NLP110 Datasheet HTML 2Page - Artesyn Technologies NLP110 Datasheet HTML 3Page - Artesyn Technologies NLP110 Datasheet HTML 4Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Embedded Power for
Business-Critical Continuity
NLP110 Series
Single and
triple output
Special Features
• Provides up to 10.5 A
on either 3.3 V or 5 V
• 5.5 x 3.0 inch card and
1.26 inch package
(1U applications)
• 3.3 V, 5 V and 12 V triple
• EN61000-3-2 compliant
• Overvoltage and
short circuit protection
• EN55022, EN55011
conducted emissions level B
• EN61000-4-2, -3, -4, -5, -6
immunity compliant
• Mounting holes as per
NLP65 series, easy upgrade
• Available RoHS compliant
• 2 year warranty
Total Power:
80 - 110 W
Input Voltage: 90 - 264 Vac
# of Outputs:
Single, triple
Safety
VDE0805/EN60950/IEC950
File No. 10401-3336-1096
UL1950 File No. E136005
CSA C22.2 No. 950
File No. LR41062
Rev.04.05.08
NLP110 Series
1 of 4
Electrical Specifications
Input
Input voltage range
Universal input,
90-264 Vac
(See Note 6)
Input frequency range
47-63 Hz
Input current
(cold start)
120 Vac
18 A max.
230 Vac
35 A max.
Safety ground
leakage current
120 Vac, 60 Hz
0.45 mA
230 Vac, 50 Hz
.75 mA
Input current
120 Vac @ 80 W
0.9 A rms
120 Vac @ 110 W
1.3 A rms
230 Vac @ 80 W
.48 A rms
230 Vac @ 110 W
0.7 A rms
Input fuse
UL/IEC127
F3.15 A H, 250 Vac
Output
Total regulation
(line and load)
Main output
±2.0%
Auxiliary outputs
±5.0%
Rise time
At turn-on
1.0 s, max
Transient response
Main output
5.0% or 250 mV
75% to 100%
max. dev., 1ms max.
step at 0.1 A/μs
recovery to 1%
Temperature coefficient
±0.02%/°C
Overvoltage protection
Main outputs
125%, ±10%
Short circuit protection
Cyclic operation
Continuous
Minimum output current
Single and multiple
See table


Similar Part No. - NLP110

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
NLP110 ARTESYN-NLP110 Datasheet
170Kb / 3P
LOW TO MEDIUM POWER AC/DC POWER SUPPLIES
logo
Emerson Network Power
NLP110 EMERSON-NETWORKPOWER-NLP110 Datasheet
1Mb / 4P
Provides low voltage outputs
NLP110-9605J EMERSON-NETWORKPOWER-NLP110-9605J Datasheet
254Kb / 4P
110 W ac-dc open frame power supply
NLP110-9605J EMERSON-NETWORKPOWER-NLP110-9605J Datasheet
1Mb / 4P
Provides low voltage outputs
NLP110-9608J EMERSON-NETWORKPOWER-NLP110-9608J Datasheet
254Kb / 4P
110 W ac-dc open frame power supply
More results

Similar Description - NLP110

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NFN40 ETC-NFN40 Datasheet
49Kb / 3P
Single and triple output
FEC40 ETC-FEC40 Datasheet
148Kb / 2P
OFFER SINGLE,DUAL,DUAL POSITIVE(TOTAL OUTPUT CURRENT 8A)AND TRIPLE OUTPUT
logo
Artesyn Technologies
CL40 ARTESYN-CL40 Datasheet
49Kb / 2P
Single and triple output
NAL25-7608 ARTESYN-NAL25-7608 Datasheet
70Kb / 2P
Single, dual and triple output
NLP150H ARTESYN-NLP150H Datasheet
119Kb / 4P
Single, dual, triple and quad output
NLP65-7608J ARTESYN-NLP65-7608J Datasheet
614Kb / 5P
Single, Dual and Triple Output
NLP40-76T366J ARTESYN-NLP40-76T366J Datasheet
607Kb / 5P
Single, Dual and Triple Output
NFS40-7608J ARTESYN-NFS40-7608J Datasheet
461Kb / 4P
SIngle and triple output 40 - 50W
NFS40-7607 ARTESYN-NFS40-7607 Datasheet
461Kb / 4P
SIngle and triple output
NLP65-9605GJ ARTESYN-NLP65-9605GJ Datasheet
614Kb / 5P
Single, Dual and Triple Output
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com