Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

L4940 Datasheet(PDF) 10 Page - STMicroelectronics

Part # L4940
Description  VERY LOW DROP 1.5 A REGULATORS
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4940 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button L4940 Datasheet HTML 5Page - STMicroelectronics L4940 Datasheet HTML 6Page - STMicroelectronics L4940 Datasheet HTML 7Page - STMicroelectronics L4940 Datasheet HTML 8Page - STMicroelectronics L4940 Datasheet HTML 9Page - STMicroelectronics L4940 Datasheet HTML 10Page - STMicroelectronics L4940 Datasheet HTML 11Page - STMicroelectronics L4940 Datasheet HTML 12Page - STMicroelectronics L4940 Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
Figure 26 : Distributed Supply with On-card L4940 and L4941 Low-drop Regulators.
ADVANTAGES OF THESE APPLICATIONS ARE :
On card regulation with short-circuit and thermal protection on each output.
Very high total system efficiency due to the switching preregulation and very low-drop postregulations.
Figure 27.
ADVANTAGES OF THIS CONFIGURATION ARE :
Very high regulation (line and load) on both the output voltages.
12 V output short-circuit and thermally protected.
Very high efficiency on the 12 V output due to the very low drop regulator.
L4940 series
10/13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com