Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

L4940 Datasheet(PDF) 2 Page - STMicroelectronics

Part # L4940
Description  VERY LOW DROP 1.5 A REGULATORS
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4940 Datasheet(HTML) 2 Page - STMicroelectronics

  L4940 Datasheet HTML 1Page - STMicroelectronics L4940 Datasheet HTML 2Page - STMicroelectronics L4940 Datasheet HTML 3Page - STMicroelectronics L4940 Datasheet HTML 4Page - STMicroelectronics L4940 Datasheet HTML 5Page - STMicroelectronics L4940 Datasheet HTML 6Page - STMicroelectronics L4940 Datasheet HTML 7Page - STMicroelectronics L4940 Datasheet HTML 8Page - STMicroelectronics L4940 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
PIN CONNECTION AND ORDER CODES
ORDERING NUMBERS
OUTPUT VOLTAGE
TO-220
D
2PAK
L4940V5
L4940D2T5
5V
L4940V85
L4940D2T85
8.5V
L4940V10
L4940D2T10
10V
L4940V12
L4940D2T12
12V
ABSOLUTE MAXIMUM RATING
Symbol
Description
Values
Unit
VI
Forward Input Voltage
30
V
VIR
Reverse Input Voltage
VO =5 V
RO = 100
Ω
-15
V
VO = 8.5 V RO = 180
Ω
VO =10 V
RO = 200
Ω
VO =12 V
RO = 240
Ω
IO
Output Current
I nternally Limited
Ptot
Power Dissipation
I nternally Limited
Tj,Tst g Junction and Storage Temperature
-40 to 150
o C
THERMAL DATA
Symbol
Description
Value
Unit
TO-220
D
2PAK
Rthj-cas e
Rthj-a mb
Thermal Resistance Junction-case
Max
Thermal Resistance Junction-ambient
Max
3
50
3
62.5
oC/W
oC/W
L4940 series
2/13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com