Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

RF2173 Datasheet(PDF) 3 Page - RF Micro Devices

Part # RF2173
Description  3V GSM POWER AMPLIFIER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2173 Datasheet(HTML) 3 Page - RF Micro Devices

  RF2173 Datasheet HTML 1Page - RF Micro Devices RF2173 Datasheet HTML 2Page - RF Micro Devices RF2173 Datasheet HTML 3Page - RF Micro Devices RF2173 Datasheet HTML 4Page - RF Micro Devices RF2173 Datasheet HTML 5Page - RF Micro Devices RF2173 Datasheet HTML 6Page - RF Micro Devices RF2173 Datasheet HTML 7Page - RF Micro Devices RF2173 Datasheet HTML 8Page - RF Micro Devices RF2173 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
3 of 14
RF2173
Rev A8 DS070730
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Power Control V
APC
Power Control “ON”
2.7
V
Maximum P
OUT, Voltage supplied to the input
Power Control “OFF”
0.2
0.5
V
Minimum P
OUT, Voltage supplied to the input
Power Control Range
75
dB
V
APC =0.2 V to 2.7V
Gain Control Slope
5
100
150
dB/V
P
OUT =-10 dBm to +35 dBm
APC Input Capacitance
10
pF
DC to 2MHz
APC Input Current
4.5
5
mA
V
APC =2.7 V
10
μAV
APC =0V
Turn On/Off Time
100
ns
V
APC =0 to 2.7V
Power Supply
Power Supply Voltage
3.5
V
Specifications
2.7
4.8
V
Nominal operating limits, P
OUT <+35 dBm
5.5
V
With maximum output load VSWR 6:1,
P
OUT <+35 dBm
Power Supply Current
2
A
DC Current at P
OUT,MAX
50
200
375
mA
Idle Current, P
IN <-30 dBm
110
μAP
IN <-30 dBm, VAPC =0.2 V
110
μAP
IN <-30 dBm, VAPC =0.2 V, Temp =+85°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com