Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

RF2173 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RF2173
Description  3V GSM POWER AMPLIFIER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2173 Datasheet(HTML) 1 Page - RF Micro Devices

  RF2173 Datasheet HTML 1Page - RF Micro Devices RF2173 Datasheet HTML 2Page - RF Micro Devices RF2173 Datasheet HTML 3Page - RF Micro Devices RF2173 Datasheet HTML 4Page - RF Micro Devices RF2173 Datasheet HTML 5Page - RF Micro Devices RF2173 Datasheet HTML 6Page - RF Micro Devices RF2173 Datasheet HTML 7Page - RF Micro Devices RF2173 Datasheet HTML 8Page - RF Micro Devices RF2173 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
1 of 14
Optimum Technology Matching® Applied
GaAs HBT
InGaP HBT
GaAs MESFET
SiGe BiCMOS
Si BiCMOS
SiGe HBT
GaAs pHEMT
Si CMOS
Si BJT
GaN HEMT
Functional Block Diagram
RF MICRO DEVICES®, RFMD®, Optimum Technology Matching®, Enabling Wireless Connectivity™, PowerStar®, POLARIS™ TOTAL RADIO™ and UltimateBlue™ are trademarks of RFMD, LLC. BLUETOOTH is a trade-
mark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names, trademarks and registered trademarks are the property of their respective owners. ©2006, RF Micro Devices, Inc.
Product Description
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Ordering Information
RF IN
GND1
GND2
RF OUT
RF OUT
RF OUT
1
2
3
4
6
5
8
7
10
9
13
12
11
16
14
15
RF2173
3V GSM POWER AMPLIFIER
Package Style: QFN, 16-Pin, 4x4
The RF2173 is a high power, high efficiency power amplifier module offer-
ing high performance in GSM or GPRS applications. The device is manu-
factured on an advanced GaAs HBT process, and has been designed for
use as the final RF amplifier in GSM hand-held digital cellular equipment
and other applications in the 800MHz to 950MHz band. On-board power
control provides over 70dB of control range with an analog voltage input,
and provides power down with a logic “low” for standby operation. The
device is self-contained with 50
Ω input and the output can be easily
matched to obtain optimum power and efficiency characteristics. The
RF2173 can be used together with the RF2174 for dual-band operation.
The device is packaged in an ultra-small plastic package, minimizing the
required board space.
Features
Single 2.7V to 4.8V Supply
Voltage
+36dBm Output Power at
3.5V
32dB Gain with Analog Gain
Control
56% Efficiency
800MHz to 950MHz Opera-
tion
Supports GSM and E-GSM
Applications
3V GSM Cellular Handsets
3V Dual-Band/Triple-Band
Handsets
GPRS Compatible
Commercial and Consumer
Systems
Portable Battery-Powered
Equipment
RF2173
3V GSM Power Amplifier
RF2173PCBA-41X
Fully Assembled Evaluation Board
Rev A8 DS070730
RoHS Compliant & Pb-Free Product


Similar Part No. - RF2173

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2173 RFMD-RF2173 Datasheet
138Kb / 10P
3V GSM POWER AMPLIFIER
RF2173 RFMD-RF2173 Datasheet
172Kb / 14P
3V GSM POWER AMPLIFIER
RF2173PCBA RFMD-RF2173PCBA Datasheet
138Kb / 10P
3V GSM POWER AMPLIFIER
RF2173PCBA-41X RFMD-RF2173PCBA-41X Datasheet
172Kb / 14P
3V GSM POWER AMPLIFIER
RF2173 RFMD-RF2173_06 Datasheet
172Kb / 14P
3V GSM POWER AMPLIFIER
More results

Similar Description - RF2173

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2138 RFMD-RF2138 Datasheet
145Kb / 10P
3V GSM POWER AMPLIFIER
RF2173 RFMD-RF2173 Datasheet
138Kb / 10P
3V GSM POWER AMPLIFIER
logo
Ericsson
PBL40305 ERICSSON-PBL40305 Datasheet
97Kb / 7P
Multiband GSM Power Amplifier
logo
RF Micro Devices
RF2173 RFMD-RF2173_06 Datasheet
172Kb / 14P
3V GSM POWER AMPLIFIER
RF5110 RFMD-RF5110 Datasheet
169Kb / 12P
3V GSM POWER AMPLIFIER
RF5110G RFMD-RF5110G Datasheet
233Kb / 18P
3V GSM POWER AMPLIFIER
RF5110G RFMD-RF5110G_07 Datasheet
831Kb / 22P
3V GSM POWER AMPLIFIER
RF5110 RFMD-RF5110_1 Datasheet
278Kb / 14P
3V GSM POWER AMPLIFIER
RF2173 RFMD-RF2173_13 Datasheet
163Kb / 13P
3V GSM POWER AMPLIFIER
logo
Qorvo, Inc
RF5110G QORVO-RF5110G Datasheet
2Mb / 16P
3V General Purpose/GSM Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com