Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

CY28330 Datasheet(PDF) 9 Page - SpectraLinear Inc

Part # CY28330
Description  Clock Generator for AMD??Hammer
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPECTRALINEAR [SpectraLinear Inc]
Direct Link  http://www.spectralinear.com
Logo SPECTRALINEAR - SpectraLinear Inc

CY28330 Datasheet(HTML) 9 Page - SpectraLinear Inc

Back Button CY28330 Datasheet HTML 5Page - SpectraLinear Inc CY28330 Datasheet HTML 6Page - SpectraLinear Inc CY28330 Datasheet HTML 7Page - SpectraLinear Inc CY28330 Datasheet HTML 8Page - SpectraLinear Inc CY28330 Datasheet HTML 9Page - SpectraLinear Inc CY28330 Datasheet HTML 10Page - SpectraLinear Inc CY28330 Datasheet HTML 11Page - SpectraLinear Inc CY28330 Datasheet HTML 12Page - SpectraLinear Inc CY28330 Datasheet HTML 13Page - SpectraLinear Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
CY28330
Rev 1.0, November 21, 2006
Page 9 of 14
Notes:
2. Multiple Supplies: The Voltage on any input or I/O pin cannot exceed the power pin during power-up. Power supply sequencing is NOT required.
3. Applicable to input signals: SPREAD, PCISTOP#, 24–48/Sel#.
4. Internal Pull-up and Pull-down resistors have a typical value of 250
Absolute Maximum Rating
Parameter
Description
Rating
Unit
VDD, VDDA, VDDF
Supply voltage
–0.5 to 3.8
V
VIN1, VIN2
Input voltage
–0.5 to 3.8
V
TSTG
Storage temperature
–65 to +150
°C
ESDprotection
Input ESD (HBN)
> 2,000
V
Operating Condition[2]
Parameter
Description
Min.
Typ.
Max.
Unit
VDD, VDDA, VDDF
Supply voltage
3.135
3.3
3.465
V
TA
Operating temperature, Ambient
0
70
C
Finput
Input frequency (crystal or reference)
10
14.318
16
MHz
SCLK and SDATA Input Electrical Characteristics (5V tolerant)
Parameter
Description
Conditions
Min.
Typ.
Max.
Unit
VIL
Supply voltage
VSS-0.3
0.8
V
VIH
Input voltage
2.0
VDD+0.3
V
IIL, IIH
Input high/low current
0<VIN<VDD
±µ5
µA
VOL
Output high voltage
IOL=1.75mA
VSS-0.3
0.4
V
IOL
Output low voltage
VO=0.8V
2
6
mA
DC Parameters (All outputs loaded)
Parameter
Description
Conditions
Min.
Typ.
Max.
Unit
VIL
Input Low Voltage
See Note 3
VSS-0.3
0.8
V
VIH
Input High Voltage
2.0
VDD+0.3
V
IIL
Input Low Current (@VIL = VSS) For internal Pull up resistors,
See Note 4
-50
µA
IIH
Input High Current (@VIH =VDD)
50
µA
Ioz
Three-State leakage Current
10
µA
Idd3.3V
Dynamic Supply Current
CPU(0:1) @ 200MHz
250
mA
Ipd3.3V
Power Down Supply Current
2
mA
Cin
Input pin capacitance
5pF
Cout
Output pin capacitance
6
pF
Lpin
Pin inductance
7nH
Cxtal
Crystal pin capacitance
Measured from Pin to Ground.
27
36
45
pF
VBIAS
Crystal DC Bias Voltage
0.3Vdd
Vdd/2
0.7Vdd
V
Txs
Crystal Startup time
From Stable 3.3V power supply.
40
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com