Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

H59N10HT Datasheet(PDF) 1 Page - Guangdong Huixin Electronic Technology Co., Ltd.

Part # H59N10HT
Description  100V SGT N-Channel MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUIXIN [Guangdong Huixin Electronic Technology Co., Ltd.]
Direct Link  http://www.hxkj.hk
Logo HUIXIN - Guangdong Huixin Electronic Technology Co., Ltd.

H59N10HT Datasheet(HTML) 1 Page - Guangdong Huixin Electronic Technology Co., Ltd.

  H59N10HT Datasheet HTML 1Page - Guangdong Huixin Electronic Technology Co., Ltd. H59N10HT Datasheet HTML 2Page - Guangdong Huixin Electronic Technology Co., Ltd. H59N10HT Datasheet HTML 3Page - Guangdong Huixin Electronic Technology Co., Ltd. H59N10HT Datasheet HTML 4Page - Guangdong Huixin Electronic Technology Co., Ltd. H59N10HT Datasheet HTML 5Page - Guangdong Huixin Electronic Technology Co., Ltd. H59N10HT Datasheet HTML 6Page - Guangdong Huixin Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
+86-769-22857832
huixin@hx kj.hk
Rev.01
Page 1 of 6
H59N10HT
100V SGT N-Channel MOSFET
Features:
• Fast switching speed
• 100% avalanche tested
• Improved dv/dt capability
Enhanced Avalanche Ruggedness
Lead Free
Applications:
Synchronous Rectification in SMPS
Hard Switching and High Speed Circuit
• Power Managment
• Load Switch
Ordering Information
Part Number
Package
Marking
Packing
Qty.
H59N10HT
TO-220
H59N10HT
Tube
50 PCS
Absolute Maximun Ratings (Tc= 2 5℃ unless otherwise specified)
Symbol
Parameter
Rating
Units
VDS
Drain-to-Source Voltage
100
V
VGS
Gate- to- Source Voltage
±20
V
ID
Continuous Drain Current TC=25℃
59
A
Continuous Drain Current TC=100℃
42
IDM
Pulsed Drain Current
150
PD
Power Dissipation
100
W
EAS
Single Pulse Avalanche Engergy
L = 0.5mH, RG = 25 Ω,TC=25℃
80
mJ
TJ, TSTG
Operating Junction and Storage Temperature Range
-55 to 150
Thermal Characteristics
Symbol
Parameter
Typ
Max
Unit
RθJC
Thermal Resistance Junction-Case
--
1.5
/ W
RθJA
Thermal Resistance Junction-Ambient
--
60
/ W
VDSS
RDS(ON)(Typ )
ID
100V
12mΩ
59A


Similar Part No. - H59N10HT

ManufacturerPart #DatasheetDescription
logo
Guangdong Huixin Electr...
H59N15HT HUIXIN-H59N15HT Datasheet
908Kb / 6P
150V N-Channel MOSFET
More results

Similar Description - H59N10HT

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQH140N10 FAIRCHILD-FQH140N10 Datasheet
679Kb / 8P
100V N-Channel MOSFET
logo
Alpha & Omega Semicondu...
AO3442 AOSMD-AO3442 Datasheet
500Kb / 5P
100V N-Channel MOSFET
AOB410L AOSMD-AOB410L Datasheet
319Kb / 7P
100V N-Channel MOSFET
AO4482 AOSMD-AO4482 Datasheet
204Kb / 6P
100V N-Channel MOSFET
AOD478 AOSMD-AOD478 Datasheet
427Kb / 6P
100V N-Channel MOSFET
AON2290 AOSMD-AON2290 Datasheet
227Kb / 5P
100V N-Channel MOSFET
AON6290 AOSMD-AON6290 Datasheet
271Kb / 6P
100V N-Channel MOSFET
AON6450 AOSMD-AON6450_11 Datasheet
279Kb / 7P
100V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com