Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

S32Z2 Datasheet(PDF) 44 Page - NXP Semiconductors

Part # S32Z2
Description  Introduction: S32E2/S32Z2 Family
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

S32Z2 Datasheet(HTML) 44 Page - NXP Semiconductors

Back Button S32Z2 Datasheet HTML 40Page - NXP Semiconductors S32Z2 Datasheet HTML 41Page - NXP Semiconductors S32Z2 Datasheet HTML 42Page - NXP Semiconductors S32Z2 Datasheet HTML 43Page - NXP Semiconductors S32Z2 Datasheet HTML 44Page - NXP Semiconductors S32Z2 Datasheet HTML 45Page - NXP Semiconductors S32Z2 Datasheet HTML 46Page - NXP Semiconductors S32Z2 Datasheet HTML 47Page - NXP Semiconductors S32Z2 Datasheet HTML 48Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 138 page
background image
12 Power Management
12.1 PMC Bandgap
Table 16. PMC Bandgap
Symbol
Description
Min
Typ
Max
Unit
Condition
Spec
Number
VBG_SCALED
Scaled version
of bandgap
reference voltage
measured by SAR
ADC 1
1.127
1.150
1.173
V
Both bandgap and
buffer are trimmed
—
1. ADC conversion error must be included when reading the bandgap reference voltage via the chip ADC.
13 Reset Duration
The durations specified "Reset Duration" table and the corresponding figures refer to standard reset sequences. A reset sequence
is no longer standard when it is interrupted by another power-on or destructive reset event, in which case the reset sequence
restarts from the beginning of the reset sequence corresponding to that event, and the total duration is the time already spent in
reset plus the duration of the new sequence.
The diagrams in this section are not to scale.
Table 17. Reset Duration
Symbol
Description
Min
Typ
Max
Unit
Condition
Spec
Number
TFR
Functional Reset
Sequence Duration
—
—
545
us
FIRC_CLK, trimmed
—
TDR
Destructive Reset
Sequence Duration
—
—
1370
us
FIRC_CLK, trimmed
during destructive reset
phase
—
POR
Power On Reset
Sequence Duration
—
—
1500
us
FIRC_CLK, trimmed
during destructive reset
phase
—
TFR
Out Of Reset
Functional
Reset Event
Out Of Reset
Functional Reset
Sequence
Functional Reset
Entry Sequence
reset sequence
RESET_B pin
Figure 15. Functional reset
NXP Semiconductors
S32Z27
S32Z2 Data Sheet
S32Z27
All information provided in this document is subject to legal disclaimers.
© 2020 - 2025 NXP B.V. All rights reserved.
Product Data Sheet
Rev. 6 — 14 May 2025
Document feedback
44 / 138



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com