Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

WINCS02 Datasheet(PDF) 20 Page - Microchip Technology

Part # WINCS02
Description  low power consuming IC containing a 2.4 GHz IEEE 802.11b/g/n-compliant radio
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

WINCS02 Datasheet(HTML) 20 Page - Microchip Technology

Back Button WINCS02 Datasheet HTML 16Page - Microchip Technology WINCS02 Datasheet HTML 17Page - Microchip Technology WINCS02 Datasheet HTML 18Page - Microchip Technology WINCS02 Datasheet HTML 19Page - Microchip Technology WINCS02 Datasheet HTML 20Page - Microchip Technology WINCS02 Datasheet HTML 21Page - Microchip Technology WINCS02 Datasheet HTML 22Page - Microchip Technology WINCS02 Datasheet HTML 23Page - Microchip Technology WINCS02 Datasheet HTML 24Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 73 page
background image
WINCS02IC and WINCS02 Family
Device Overview
 Data Sheet
© 2024-2025 Microchip Technology Inc. and its subsidiaries
DS70005577B - 20
Table 2-4. PCB Antenna Specification for WINCS02 Module
Parameter
Specification
Operating frequency
2400-2485 MHz
Peak gain
1.18 dBi at 2410 MHz
Efficiency (average)
45%(1)
Note: 
1. The size of the WINCS02 Add-On Board is 25.4 mm x 57.2 mm. The antenna efficiency will improve with larger ground
plane base boards. The same antenna achieved an average efficiency of 69% with a base board size of 85 mm x 40 mm.
If the best case routing guidelines are followed on a larger ground plane application board, the efficiency will be better.
PCB Antenna Radiation Pattern
The following figure illustrates the module orientation in the measurement system for the PCB
antenna radiation pattern.
Figure 2-12. Module Orientation for Radiation Pattern Measurement
Z+
Y+
X+
Vertical Cut at
Phi = +90°
Vertical Cut at
Phi = 0°
Horizontal Cut at
Theta = 90°
PCB Antenna Radiation Pattern
The following figure illustrates the module orientation in the measurement system for the PCB
antenna radiation pattern.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com