Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

WINCS02 Datasheet(PDF) 26 Page - Microchip Technology

Part # WINCS02
Description  low power consuming IC containing a 2.4 GHz IEEE 802.11b/g/n-compliant radio
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

WINCS02 Datasheet(HTML) 26 Page - Microchip Technology

Back Button WINCS02 Datasheet HTML 22Page - Microchip Technology WINCS02 Datasheet HTML 23Page - Microchip Technology WINCS02 Datasheet HTML 24Page - Microchip Technology WINCS02 Datasheet HTML 25Page - Microchip Technology WINCS02 Datasheet HTML 26Page - Microchip Technology WINCS02 Datasheet HTML 27Page - Microchip Technology WINCS02 Datasheet HTML 28Page - Microchip Technology WINCS02 Datasheet HTML 29Page - Microchip Technology WINCS02 Datasheet HTML 30Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 73 page
background image
WINCS02IC and WINCS02 Family
Device Overview
 Data Sheet
© 2024-2025 Microchip Technology Inc. and its subsidiaries
DS70005577B - 26
Figure 2-21. WINCS02 Module Antenna Placement Guidelines
5 cm from Board Edge
5 cm from Board Edge
Preferred Antenna
Cable Routing Direction
Note: These are generic guidelines and the recommendation is that customers can check and
fine-tune the antenna positioning in the final host product based on RF performance.
2.7.2.1 External Antennas
The WINCS02/UE/UC Modules have a small surface mount U.FL connector for an external antenna
connection. The choice of antenna is limited to the antenna types that the module is tested and
approved for regulatory certification.
The WINCS02/UE/UC Modules are approved to use with the antennas listed in the following table.
It is permissible to use a different antenna, provided it is the same antenna type, has the same
antenna gain (equal or less than) and similar in-band and out-of-band characteristics are present
(refer to antenna specification sheet for cutoff frequencies).
If other antenna types are used, the OEM installer must conduct the necessary assessments and
authorize the antenna with the respective regulatory agencies and ensure compliance.
Table 2-5. Approved External Antenna List with Antenna Gain for WINCS02 Module
Antenna
No.
Part Number
Manufacturer
Antenna
Gain (dBi)
Antenna
Type
Regulatory
Certification
FCC/ISED(2)
(3)
CE
1
WXE2400
TE Connectivity/Laird External
Antennas
3
Dipole
x
x
2
ANT-2.4-CW-RCL-RPS
TE Connectivity/Linx
Technologies
2.3
Dipole
x
x
3
RFA-02-C2M2-D034
Alead
2
Dipole
x
x
4
RFA-02-L2H1
Aristotle
2
Dipole
x
x



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com