Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

WINCS02PE Datasheet(PDF) 32 Page - Microchip Technology

Part # WINCS02PE
Description  low power consuming IC containing a 2.4 GHz IEEE 802.11b/g/n-compliant radio
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

WINCS02PE Datasheet(HTML) 32 Page - Microchip Technology

Back Button WINCS02PE Datasheet HTML 28Page - Microchip Technology WINCS02PE Datasheet HTML 29Page - Microchip Technology WINCS02PE Datasheet HTML 30Page - Microchip Technology WINCS02PE Datasheet HTML 31Page - Microchip Technology WINCS02PE Datasheet HTML 32Page - Microchip Technology WINCS02PE Datasheet HTML 33Page - Microchip Technology WINCS02PE Datasheet HTML 34Page - Microchip Technology WINCS02PE Datasheet HTML 35Page - Microchip Technology WINCS02PE Datasheet HTML 36Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 73 page
background image
WINCS02IC and WINCS02 Family
Electrical Specifications
 Data Sheet
© 2024-2025 Microchip Technology Inc. and its subsidiaries
DS70005577B - 32
Table 3-8. Extreme Deep Sleep (XDS) Current Consumption
DC Characteristics
Standard Operating Conditions: VDD = VDDIO = 3.0V to 3.6V
(unless otherwise stated)
Operating Temperature:
-40°C ≤ TA ≤ +85°C for Industrial
-40°C ≤ TA ≤ +105°C for V-temp
Param. No.
Symbol
Characteristics
Typ(1)
Max.
Units
Conditions
XDSPWR_1
IDD_XDS(2)
IDD in XDS mode
0.7
—
µA
VDD = VDDIO = 3.3V
Notes: 
1. Typical values at 25°C only
2. Conditions:
– All peripherals inactive
– All IO configured as input and pulled down internally
3.1.5
WINCS02IC AC Characteristics
3.1.5.1 External XTAL POSC 40 MHz AC Electrical Specifications
Table 3-9. External XTAL POSC 40 MHz AC Electrical Specifications
AC Characteristics
Standard Operating Conditions: VDD = VDDIO = 3.0V to
3.6V (unless otherwise stated)
Operating Temperature:
-40°C ≤ TA ≤ +85°C for Industrial
-40°C ≤ TA ≤ +105°C for V-temp
Param. No. Symbol(2)
Characteristics
Min. Typ
Max. Units Conditions(1)
XOSC_1
FOSC_XOSC
XOSC crystal frequency
—
40
—
MHz
XIN, XOUT primary
oscillator
XOSC_1A
TOSC
TOSC = 1/FOSC_XOSC
—
—
—
ns
See parameter XOSC_1 for
FOSC_XOSC value
XOSC_34
gm
XOSC transconductance GAIN = 0
—
16
—
mA/V XOSC auto gain control
disabled
XOSC_39
XCLK_FST
Primary XIN clock fail safe time-out
period
—
2
—
ms
—
Notes: 
1. Crystal oscillator requirements:
– ESR = 50Ω
– Maximum drive level = 200 µW
2. This parameter is characterized but not tested in manufacturing.
3.1.5.2 XOSC32 RTCC Oscillator AC Electrical Specifications
Table 3-10. XOSC32 RTCC Oscillator AC Electrical Specifications
AC Characteristics
Standard Operating Conditions: VDD = VDDIO = 3.0V to 3.6V
(unless otherwise stated)
Operating Temperature:
-40°C ≤ TA ≤ +85°C for Industrial
-40°C ≤ TA ≤ +105°C for V-temp
Param. No.
Symbol
Characteristics
Min. Typ.
Max. Units Conditions
XOSC32_1
FOSC_XOSC32
XOSC32 oscillator crystal
frequency
—
32.768 —
kHz
RTCC oscillator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com