Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

WINCS02PE Datasheet(PDF) 33 Page - Microchip Technology

Part # WINCS02PE
Description  low power consuming IC containing a 2.4 GHz IEEE 802.11b/g/n-compliant radio
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

WINCS02PE Datasheet(HTML) 33 Page - Microchip Technology

Back Button WINCS02PE Datasheet HTML 29Page - Microchip Technology WINCS02PE Datasheet HTML 30Page - Microchip Technology WINCS02PE Datasheet HTML 31Page - Microchip Technology WINCS02PE Datasheet HTML 32Page - Microchip Technology WINCS02PE Datasheet HTML 33Page - Microchip Technology WINCS02PE Datasheet HTML 34Page - Microchip Technology WINCS02PE Datasheet HTML 35Page - Microchip Technology WINCS02PE Datasheet HTML 36Page - Microchip Technology WINCS02PE Datasheet HTML 37Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 73 page
background image
WINCS02IC and WINCS02 Family
Electrical Specifications
 Data Sheet
© 2024-2025 Microchip Technology Inc. and its subsidiaries
DS70005577B - 33
Table 3-10. XOSC32 RTCC Oscillator AC Electrical Specifications (continued)
AC Characteristics
Standard Operating Conditions: VDD = VDDIO = 3.0V to 3.6V
(unless otherwise stated)
Operating Temperature:
-40°C ≤ TA ≤ +85°C for Industrial
-40°C ≤ TA ≤ +105°C for V-temp
Param. No.
Symbol
Characteristics
Min. Typ.
Max. Units Conditions
XOSC32_15
TOSC32
TOSC32 = 1/FOSC_XOSC32
—
—
—
µs
See parameter XOSC32_1 for
FOSC_XOSC32 value
XOSC32_21
XCLK32_DC
Ext clock oscillator duty
cycle
—
50
—
%
—
Note: 
1. This parameter is characterized but not tested in manufacturing.
3.1.5.3 SDIO-SPI AC Timing Specifications
Figure 3-1. SDIO-SPI AC Timing Diagram
SCK1
SDI1
SDO1
Table 3-11. SDIO Controller AC Timing Specifications
AC Characteristics
Standard Operating Conditions: VDD = VDDIO = 3.0V to 3.6V (unless
otherwise stated)
Operating Temperature:
-40°C ≤ TA ≤ +85°C for Industrial
-40°C ≤ TA ≤ +105°C for V-temp
Param. No. Symbol
Characteristics
Min.
Typ
Max.
Units Conditions(1)
SD_5
tSDCK
Clock frequency
0
—
50
MHz
—
SD_7
tDUTY
Duty cycle
—
50
—
%
—
SD_9
tHIGH
Clock high time
8.5
—
—
ns
—
SD_11
tLOW
Clock low time
8.5
—
—
ns
—
SD_13
tRISE
Clock rise time
—
—
5
—
—
SD_15
tFALL
Clock fall time
—
—
5
—
—
SD_17
tIN_SETUP
Input setup time
6
—
—
ns
—
SD_19
tIN_HOLD
Input hold time
1
—
—
ns
—
SD_21
tOUT_DLY
Output delay time
3
—
13
ns
VDDIO = 3.3V, CLOAD = 15 pF (Max)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com