Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

WINCS02UE Datasheet(PDF) 6 Page - Microchip Technology

Part # WINCS02UE
Description  low power consuming IC containing a 2.4 GHz IEEE 802.11b/g/n-compliant radio
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

WINCS02UE Datasheet(HTML) 6 Page - Microchip Technology

Back Button WINCS02UE Datasheet HTML 2Page - Microchip Technology WINCS02UE Datasheet HTML 3Page - Microchip Technology WINCS02UE Datasheet HTML 4Page - Microchip Technology WINCS02UE Datasheet HTML 5Page - Microchip Technology WINCS02UE Datasheet HTML 6Page - Microchip Technology WINCS02UE Datasheet HTML 7Page - Microchip Technology WINCS02UE Datasheet HTML 8Page - Microchip Technology WINCS02UE Datasheet HTML 9Page - Microchip Technology WINCS02UE Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 73 page
background image
WINCS02IC and WINCS02 Family
Ordering Information
 Data Sheet
© 2024-2025 Microchip Technology Inc. and its subsidiaries
DS70005577B - 6
1.2
Module Ordering Information
This chapter provides the ordering information of the WINCS02 Module.
Table 1-2. WINCS02 Module Ordering Details
Module Name
Description
Ordering Code
WINCS02PE
Wi-Fi® Network Controller Module with PCB Antenna
WINCS02PE-I/XXX
WINCS02PC
Wi-Fi Network Controller Module with PCB Antenna and Trust&Go
WINCS02PC-I/XXX
WINCS02UE
Wi-Fi Network Controller Module with U.FL connector for external
Antenna
WINCS02UE-I/XXX
WINCS02UC
Wi-Fi Network Controller Module with U.FL connector for external
Antenna and Trust&Go
WINCS02UC-I/XXX
The following figure illustrates the details of the WINCS02 Module ordering information.
Figure 1-2. WINCS02 Module Ordering Information
WI
NC
S
02
Flash Memory Size
Network Controller
Wi-Fi®
Antenna
P/U
Stacked Flash
Temperature Range
I = Industrial (-40°C to 85°C)
Firmware Version
Packing
02 = 2 MB Flash
T = Tape & Reel
P = PCB Antenna
U = U.FL Connector
/XXX
-I
T
E/C
Encryption
E – No Encryption
C – Trust&Go
(1)
Note: 
1. By default, the WINCS02 Module comes with Tray packing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com