Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

WINCS02UE Datasheet(PDF) 1 Page - Microchip Technology

Part # WINCS02UE
Description  low power consuming IC containing a 2.4 GHz IEEE 802.11b/g/n-compliant radio
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

WINCS02UE Datasheet(HTML) 1 Page - Microchip Technology

  WINCS02UE Datasheet HTML 1Page - Microchip Technology WINCS02UE Datasheet HTML 2Page - Microchip Technology WINCS02UE Datasheet HTML 3Page - Microchip Technology WINCS02UE Datasheet HTML 4Page - Microchip Technology WINCS02UE Datasheet HTML 5Page - Microchip Technology WINCS02UE Datasheet HTML 6Page - Microchip Technology WINCS02UE Datasheet HTML 7Page - Microchip Technology WINCS02UE Datasheet HTML 8Page - Microchip Technology WINCS02UE Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 73 page
background image
 Data Sheet
© 2024-2025 Microchip Technology Inc. and its subsidiaries
DS70005577B - 1
Introduction
The WINCS02IC is a low power consuming IC containing a 2.4 GHz IEEE 802.11b/g/n-compliant radio with
integrated High Power Amplifier (HPA), Low Noise Amplifier (LNA), Radio Frequency (RF) switches for TX/RX
control and hardware-based security accelerator. The WINCS02IC is designed to execute Microchip-provided
Wi-Fi® and Networking stack components accessible through a Serial Peripheral Interface (SPI).
The WINCS02 is a fully-integrated module based on WINCS02IC. It contains all necessary external components
and antenna to simplify a new board design. The module is interoperable with various vendors' 802.11 b/g/n
access points. The module has a compact form factor of 21.7 mm x 14.7 mm x 2.1 mm.
The WINCS02IC and WINCS02 Module operates at a single supply voltage VDD, VDDIO (3.3V typical).
The WINCS02 Module is available with an on-board Printed Circuit Board (PCB) antenna or U.FL connector for
an external antenna and with or without integrated Microchip Trust&Go CryptoAuthentication™ device.
Note: The WINCS02IC must be programmed with the appropriate Network Controller firmware version to
meet the specification described in the data sheet.
WINCS02IC and WINCS02 Module Features
• IEEE 802.11 b/g/n, Single Stream (1x1) 20 MHz Bandwidth WLAN Link
– Compatible with Wi-Fi® 6/7 2.4 GHz band
• Transmission Control Protocol/Internet Protocol (TCP/IP)-Based Connectivity Protocols along with SSL and
MQTT Capabilities
• Supports STA Mode and Soft AP Functionality in IEEE 802.11 Infrastructure and IBSS Networks
• Protected Management Frame (PMF) Handled in Hardware, WPA3 Support
• Integrated Power Amplifier (PA), TX/RX Switch and Power Management
• Internal Flash Memory (Up to 2 MB) to Store Firmware
• Immutable Secure Boot with Hardware Root of Trust
• Supports Host Assisted Over-the-Air (OTA) Firmware Update
• Supports Extreme Deep Sleep (XDS) Mode(1)
• On-Chip Network Stack to Offload MCU(3)
– Network features – TCP, UDP, DHCP, ARP, HTTP, MQTT, IPv6, TLS 1.2 and DNS
– Hardware accelerators for Wi-Fi and TLS security to improve connection time
• Hardware-Based IEEE 802.15.2 Compliant Three-Wire Packet Traffic Arbitration (PTA) Interface for Wi-Fi/
Bluetooth® Coexistence(2)
• SPI (SDIO based SPI; SDIO-SPI) Host Interface
• Secure Device Firmware Upgrade (DFU)
www.microchip.com Product Pages:
WINCS02IC, WINCS02PC, WINCS02PE, WINCS02UC, WINCS02UE
WINCS02 Family Data Sheet
WINCS02IC and WINCS02 Family


Similar Part No. - WINCS02UE

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
WINC1000 ATMEL-WINC1000 Datasheet
1Mb / 25P
IEEE 802.11 b/g/n IoT Module
WINC1000-MR110PA ATMEL-WINC1000-MR110PA_14 Datasheet
1Mb / 25P
IEEE 802.11 b/g/n IoT Module
WINC1500-MR210PA ATMEL-WINC1500-MR210PA Datasheet
1Mb / 24P
IEEE 802.11 b/g/n IoT Module
WINC1500-MR210PA ATMEL-WINC1500-MR210PA_14 Datasheet
1Mb / 24P
IEEE 802.11 b/g/n IoT Module
logo
Microchip Technology
WINC3400 MICROCHIP-WINC3400 Datasheet
923Kb / 2P
Wireless Network Controller
2015
More results

Similar Description - WINCS02UE

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
AWL9224 ANADIGICS-AWL9224 Datasheet
260Kb / 12P
2.4 GHz 802.11b/g WLAN Power Amplifier
Rev 1.3
RFSP2023 ANADIGICS-RFSP2023 Datasheet
264Kb / 12P
2.4 GHz 802.11b/g WLAN Power Amplifier
04/2005
AWL9224 ANADIGICS-AWL9224_12 Datasheet
386Kb / 12P
2.4 GHz 802.11b/g WLAN Power Amplifier
logo
Microchip Technology
MRF24WG0MA MICROCHIP-MRF24WG0MA_12 Datasheet
657Kb / 38P
MRF24WG0MA/MB Data Sheet 2.4 GHz IEEE 802.11b/g?
2012 11/29/11
MRF24WN0MA MICROCHIP-MRF24WN0MA Datasheet
1Mb / 36P
2.4 GHz IEEE 802.11b/g/n Wireless Module
07/14/15
RN1810 MICROCHIP-RN1810 Datasheet
1Mb / 36P
2.4 GHz IEEE 802.11b/g/n Wireless Module
07/14/15
SST12LP15B MICROCHIP-SST12LP15B Datasheet
469Kb / 28P
2.4 GHz WLAN 802.11b,g,n, 256 QAM Power Amplifier
07/15
logo
Cypress Semiconductor
CYW43364 CYPRESS-CYW43364 Datasheet
5Mb / 68P
Single-band 2.4 GHz IEEE 802.11b/g/n
logo
Microchip Technology
MRF24WG0MA MICROCHIP-MRF24WG0MA Datasheet
657Kb / 38P
MRF24WG0MA/MB Data Sheet 2.4 GHz IEEE 802.11b/g?
11/29/11
RN1810 MICROCHIP-RN1810_17 Datasheet
1Mb / 34P
2.4 GHz IEEE 802.11b/g/n Wireless Module
11/07/16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com