Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

L7200 Datasheet(PDF) 18 Page - STMicroelectronics

Part # L7200
Description  MOZART, 12V DISK DRIVE SPINDLE & VCM, POWER & CONTROL "COMBO?
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L7200 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button L7200 Datasheet HTML 14Page - STMicroelectronics L7200 Datasheet HTML 15Page - STMicroelectronics L7200 Datasheet HTML 16Page - STMicroelectronics L7200 Datasheet HTML 17Page - STMicroelectronics L7200 Datasheet HTML 18Page - STMicroelectronics L7200 Datasheet HTML 19Page - STMicroelectronics L7200 Datasheet HTML 20Page - STMicroelectronics L7200 Datasheet HTML 21Page - STMicroelectronics L7200 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 23 page
background image
L7200
18/23
BIT
LABEL
DESCRIPTION
5
RETDIR
Retract Direction.
“0” VCM- high, VCM+ low. “1” VCM- low, VCM+ high.
6
RETRACT
“1” Retracts the Voice Coil arm.
7
RETBRK
“1” Brakes the VCM for the first 20mS of the retract time then it reverses
the direction of the retract opposite to the RETDIR bit setting for other
20mS, then it finish the normal retract. This total 40mS are
subtructed from the programmed Retract time.
Reg:
13
Name:
Voice Coil Set-Up and Ramp Loading Register
Type:
Write only
Address: DEh
BIT
LABEL
DESCRIPTION
0
VCMCAL0
VCM Calibration. First Bit.
Bit 3
Bit2
Bit 1
Bit 0
Adj
1
VCMCAL1
VCM Calibration. Second Bit.
0
0
0
0
None
2
VCMCAL2
VCM Calibration. Third Bit.
0
0
0
1
1.4mV
3
VCMCAL3
VCM Calibration. Fourth Bit.
0
0
1
0
2.8mV
00
1
1
4.2mV
01
0
0
5.6mV
01
0
1
7.0mV
01
1
0
8.4mV
01
1
1
9.8mV
10
0
0
11.2mV
10
0
1
12.6mV
10
1
0
14.0mV
10
1
1
15.4mV
11
0
0
16.8mV
11
0
1
18.2mV
11
1
0
19.6mV
11
1
1
21.0mV
4
VCMCALDIR
VCM Calibration Direction. “0” Positive offset. “1” Negative offset.
5
RAMPLOADING
VCM Ramp Loading Setting. “1” Ramp Loading mode.
6
SAMPLE/HOLD
VCM Ramp Loading Setting. “0” Hold. “1” Sampling.
7
TRISTATE
VCM Ramp Loading Setting. “1” Synchronusly clamps the VCM outputs until
current is less than 100mA, then tristate them.
INTERNAL REGISTERS DEFINITION (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com