Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

L7200 Datasheet(PDF) 20 Page - STMicroelectronics

Part # L7200
Description  MOZART, 12V DISK DRIVE SPINDLE & VCM, POWER & CONTROL "COMBO?
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L7200 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button L7200 Datasheet HTML 15Page - STMicroelectronics L7200 Datasheet HTML 16Page - STMicroelectronics L7200 Datasheet HTML 17Page - STMicroelectronics L7200 Datasheet HTML 18Page - STMicroelectronics L7200 Datasheet HTML 19Page - STMicroelectronics L7200 Datasheet HTML 20Page - STMicroelectronics L7200 Datasheet HTML 21Page - STMicroelectronics L7200 Datasheet HTML 22Page - STMicroelectronics L7200 Datasheet HTML 23Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 20 / 23 page
background image
L7200
20/23
Reg:
16
Name:
System Diagnostic Register
Type:
Read only
Address: 1Fh
BIT
LABEL
DESCRIPTION
0
PHASEFINE<0>
Torque Optimizer Phase Shift. First Bit.
1
PHASEFINE<1>
Torque Optimizer Phase Shift. Second Bit.
2
PHASEFINE<2>
Torque Optimizer Phase Shift. Third Bit.
3
PHASEFINE<3>
Torque Optimizer Phase Shift. Fourth Bit.
4
THWARNING
Thermal Warning. “1” Indicates that the Device temperature is
approximately 25
°C lower than the thermal shutdown’s one.
5
THSHUTDOWN
Thermal Shutdown. “1” Indicates that the Device temperature has
exceeded 160
°C. The bit will reset (=0) when the temperature drops
below 130
°C.
6
VCMCAL
Outputs of the Calibration Comparator.
7
RET
“1” Indicates that the Voicel Coil is Retracting.
Reg:
17
Name:
ID Register
Type:
Read only
Address: 2Fh
BIT
LABEL
DESCRIPTION
0
ID_REV0
Device Minor Revision. First Bit.
1
ID_REV1
Device Minor Revision. Second Bit.
2
ID_REV2
Device Minor Revision. Third Bit.
3
ID_REV3
Device Minor Revision. Fourth Bit.
4
ID_REV4
Device Major Revision. First Bit.
5
ID_REV5
Device Major Revision. Second Bit.
6
ID_REV6
Device Major Revision. Third Bit.
7
ID_REV7
Device Major Revision. Fourth Bit.
INTERNAL REGISTERS DEFINITION (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com