Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

L9341 Datasheet(PDF) 8 Page - STMicroelectronics

Part # L9341
Description  QUAD LOW SIDE DRIVER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9341 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button L9341 Datasheet HTML 2Page - STMicroelectronics L9341 Datasheet HTML 3Page - STMicroelectronics L9341 Datasheet HTML 4Page - STMicroelectronics L9341 Datasheet HTML 5Page - STMicroelectronics L9341 Datasheet HTML 6Page - STMicroelectronics L9341 Datasheet HTML 7Page - STMicroelectronics L9341 Datasheet HTML 8Page - STMicroelectronics L9341 Datasheet HTML 9Page - STMicroelectronics L9341 Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
FUNCTIONAL DESCRIPTION
The U511 is a PWM quad low side driver for in-
ductive loads. The duty cycle of the internal gen-
erated PWM signal is set by a microcontroller via
a serial interface for each output. An output slope
limitation for both dv/dt and di /dt is implemented
to reduce RFI. The PWM generation is realized
avoiding a simultaneous output switching. As a
result, di/dt becomes smaller. Integrated flyback
diodes clamp the output voltage during the fly-
back phase of the low side switches.
The driver is protected against short circuit. An
undervoltage shutdown circuit switches off all out-
puts if Vcc is less then Vccu. Below the shutdown
voltage all outputs remain in off state regardless
of the input state. After each malfunction which
resets the driver, only the serial link interface can
reactivate the normal function. In case of overcur-
rent (Iout =Iout1), an internal comparator switches
the output off. The overcurrent information can be
read via the serial link for each driver separately
at the negative edge of the corresponding PWM
signal.
The interface to the microcontroller is realized
with a 16 bit synchronous serial peripheral inter-
face (SPI). If CS is switched low, the serial link
becomes active and SDO goes to low impedance.
At the rising edge of the SCLK signal, one of the
16 bit of data stored in a shift register appear se-
quencely at SDO. These data contain the 8 error
flags, the status of thermal diagnostic flag and the
external reset sources RES1, RES2 and the over-
current flgs c1...c4. The last bit is framing infor-
mation (see fig. 7). At each falling edge of SCLK,
one of the 16 bits of data sent by the microcon-
troller is transferred via the SDI input to the driver.
These data contain the duty-cycle information for
the internal PWM generation (4 times 4 bit).
On the rising edge of CS the previously stored in-
formation is transferred to the circuits. SDO be-
come now high impedance and SDI is inactive.
The serial interface of the QLSD is cascadable
with the serial link interface of another QLSD,
thus obtaining a 32 bit serial link information wich
can control eight inductive loads. For a safety
data transfer the takeover of data bits is only real-
ized when the number of SCLK - clocks is n x 16
(n
≥ 1).
The PWM duty cycle is set by 4 bit for each out-
put independently via the serial link. If all four bits
for an output are zero, the output is turned off, but
the error diagnosis will work correctly (see fig. 5
and 6). The PWM frequency is defined by an ex-
ternal capacitor on the OSC pin. Rext defines
through the reference current the output current
slope, the diagnostic current sink and the internal
oscillator frequency (together with Cosc).
For error diagnosis the voltage on the output is
measured during the on and off state of the par-
ticular output driver. Upon the rising edge of the
PWM signal (at this moment the power output is
off and will be switched on) the status of COMP1
is stored into an internal latch. On the falling edge
of the PWM signal ( the power output is on and
will be switched off) the status of COMP2 is
stored into another internal latch. This information
can be read via the serial link for each output
driver separately (see fig. 7).
The thermal diagnostic switch the thermal flag to
0 in case of overtemperature T
≥ Tsd.It will be
switched to 1 with the hysteresis Tsdth in case of
T< Tsd -Tsdh.
To avoid male functions due to extensive noise or
spikes at the supply pins VCC,VS and Rext must
be blocked externally via capacitors.
L9341
8/10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com