Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

L9341 Datasheet(PDF) 1 Page - STMicroelectronics

Part # L9341
Description  QUAD LOW SIDE DRIVER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9341 Datasheet(HTML) 1 Page - STMicroelectronics

  L9341 Datasheet HTML 1Page - STMicroelectronics L9341 Datasheet HTML 2Page - STMicroelectronics L9341 Datasheet HTML 3Page - STMicroelectronics L9341 Datasheet HTML 4Page - STMicroelectronics L9341 Datasheet HTML 5Page - STMicroelectronics L9341 Datasheet HTML 6Page - STMicroelectronics L9341 Datasheet HTML 7Page - STMicroelectronics L9341 Datasheet HTML 8Page - STMicroelectronics L9341 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
L9341
QUAD LOW SIDE DRIVER
AVANCE DATA
DU/DT AND DI/DT CONTROL
PWM CONTROLLED OUTPUT CURRENT
SHORT CURRENT PROTECTION AND DI-
AGNOSTIC
INTEGRATED FLYBACK DIODE
UNDERVOLTAGE SHUTDOWN
OVERVOLTAGE AND UNDERVOLTAGE DI-
AGNOSTIC
OVERTEMPERATURE DIAGNOSTIC
DESCRIPTION
The L9341 is a monolithic integrated circuit real-
ized in Multipower BCD-II mixed technology. The
driver is intended for inductive loads in synchro-
nous PWM applications, especially for valve driv-
ers. The output voltage and current rise and fall
slopes du/dt and di/dt are controlled.
This is advanced information on a new product now in development or undergoing evaluation. Details are subject to change without notice.
March 1994
UNDERVOLTAGE
SHUTDOWN
DIAGNOSTIC
DRIVER
SHORT
CURRENT
PROTECTION
CHANNEL 1
CHANNEL 4
CHANNEL 3
CHANNEL 2
V
flyth
V
offth
COMP1
COMP2
I
OSC
SDO
SDI
SCLK
RES1
SERIAL
INTERFACE
&
PWM
CONTROLL
BIAS
7
1
15
14
8
6
13
5
11
RES2
3
10
9
12
REXT
CS
4
OUT3
OUT4
GND
VS
V
s
I
Is
cc
I
OUT1
I
I
OUT2
OUT3
IOUT4
OSC
C
I
GND
C
BAT
D
BAT
Vcc
C
O1
C
O2
C
C
O3
O4
OUT2
VCC
2
outs
OUT1
di / dt & du / dt
CONTROL
THERMAL
FLAG
220nF
10nF
10nF
10nF
10nF
10uF
R ext
12.4k
10nF
Ω
BLOCK & APPLICATION DIAGRAM
Multiwatt 15
ORDERING NUMBERS: L9341V
L9341H
MULTIPOWER BCD TECHNOLOGY
1/10


Similar Part No. - L9341

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L9346 STMICROELECTRONICS-L9346 Datasheet
96Kb / 13P
QUAD INTELLIGENT POWER LOW SIDE SWITCH
May-2000
L9346DIE STMICROELECTRONICS-L9346DIE Datasheet
96Kb / 13P
QUAD INTELLIGENT POWER LOW SIDE SWITCH
May-2000
L9346PD STMICROELECTRONICS-L9346PD Datasheet
96Kb / 13P
QUAD INTELLIGENT POWER LOW SIDE SWITCH
May-2000
L9347 STMICROELECTRONICS-L9347 Datasheet
329Kb / 21P
INTELLIGENT QUAD 2X5A/2X2.5A LOW-SIDE SWITCH
Jun-2002
L9347 STMICROELECTRONICS-L9347 Datasheet
325Kb / 29P
Intelligent quad (2x5A/2x2.5A) low-side switch
25-Sep-2013
More results

Similar Description - L9341

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L9333 STMICROELECTRONICS-L9333 Datasheet
93Kb / 13P
QUAD LOW SIDE DRIVER
Jan-2000
L9338 STMICROELECTRONICS-L9338 Datasheet
57Kb / 8P
QUAD LOW SIDE DRIVER
Mar-2000
L9339 STMICROELECTRONICS-L9339 Datasheet
65Kb / 9P
QUAD LOW SIDE DRIVER
Dec-1999
L9348 STMICROELECTRONICS-L9348 Datasheet
220Kb / 13P
QUAD LOW SIDE DRIVER
Mar-2002
L9362 STMICROELECTRONICS-L9362 Datasheet
174Kb / 17P
QUAD LOW SIDE DRIVER
May-2002
L93PI STMICROELECTRONICS-L93PI Datasheet
56Kb / 8P
QUAD LOW SIDE DRIVER
Mar-2000
logo
Freescale Semiconductor...
33385 FREESCALE-33385 Datasheet
406Kb / 18P
Quad Low-side Driver
logo
STMicroelectronics
L9333 STMICROELECTRONICS-L9333_01 Datasheet
260Kb / 13P
QUAD LOW SIDE DRIVER
Mar-2001
L9339 STMICROELECTRONICS-L9339_08 Datasheet
164Kb / 14P
Quad low side driver
24-Jun-2008
L9339-TR STMICROELECTRONICS-L9339-TR Datasheet
180Kb / 14P
Quad low side driver
20-Sep-2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com