Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

VL6624 Datasheet(PDF) 38 Page - STMicroelectronics

Part # VL6624
Description  1.3 Megapixel single-chip camera module
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VL6624 Datasheet(HTML) 38 Page - STMicroelectronics

Back Button VL6624 Datasheet HTML 34Page - STMicroelectronics VL6624 Datasheet HTML 35Page - STMicroelectronics VL6624 Datasheet HTML 36Page - STMicroelectronics VL6624 Datasheet HTML 37Page - STMicroelectronics VL6624 Datasheet HTML 38Page - STMicroelectronics VL6624 Datasheet HTML 39Page - STMicroelectronics VL6624 Datasheet HTML 40Page - STMicroelectronics VL6624 Datasheet HTML 41Page - STMicroelectronics VL6624 Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 106 page
background image
Host communication - I²C control interface
VL6624/VS6624
38/106
10.3
Data valid
The data on SDA is stable during the high period of SCL. The state of SDA is changed
during the low phase of SCL. The only exceptions to this are the start (S) and stop (P)
conditions as defined below. (See
I²C slave interface for full timing specification).
Figure 22. SDA data valid
10.4
Start (S) and Stop (P) conditions
A START (S) condition defines the start of a V2W message. It consists of a high to low
transition on SDA while SCL is high.
A STOP (P) condition defines the end of a V2W message. It consists of a low to high
transition on SDA while SCL is high.
After STOP condition the bus is considered free for use by other devices. If a repeated
START (Sr) is used instead of a stop then the bus stays busy. A START (S) and a repeated
START (Sr) are considered to be functionally equivalent.
Figure 23. START and STOP conditions
SDA
SCL
Data line
stable
Data valid
Data change
Data line
stable
Data valid
START
condition
STOP
condition
S
P
SDA
SCL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com