Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

VS6624P0LP Datasheet(PDF) 12 Page - STMicroelectronics

Part # VS6624P0LP
Description  1.3 Megapixel single-chip camera module
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VS6624P0LP Datasheet(HTML) 12 Page - STMicroelectronics

Back Button VS6624P0LP Datasheet HTML 8Page - STMicroelectronics VS6624P0LP Datasheet HTML 9Page - STMicroelectronics VS6624P0LP Datasheet HTML 10Page - STMicroelectronics VS6624P0LP Datasheet HTML 11Page - STMicroelectronics VS6624P0LP Datasheet HTML 12Page - STMicroelectronics VS6624P0LP Datasheet HTML 13Page - STMicroelectronics VS6624P0LP Datasheet HTML 14Page - STMicroelectronics VS6624P0LP Datasheet HTML 15Page - STMicroelectronics VS6624P0LP Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 106 page
background image
System architecture
VL6624/VS6624
12/106
YUV conversion
This module performs color space conversion from RGB to YUV. It is
used to control the contrast and color saturation of the output image as well as the fade to
black feature.
Dither
This module is used to reduce the contouring effect seen in RGB
images with truncated data.
Output formatter
This module controls the embedded codes which are inserted into
the data stream to allow the host system to synchronize with the output data. It also controls
the optional HSYNC and VSYNC output signals.
3.3
Microprocessor functions
The microprocessor inside the VL6624/VS6624 performs the following tasks:
Host communication handles the I²C communication with the host processor.
Video pipe configuration configures the video pipe modules to produce the output
required by the host.
Automatic exposure control In normal operation the VL6624/VS6624 determines the
appropriate exposure settings for a particular scene and outputs correctly exposed images.
Flicker cancellation The 50/60Hz flicker frequency present in the lighting (due to
fluorescent lighting) can be cancelled by the system.
Automatic white balance The microprocessor adjusts the gains applied to the individual
color channels in order to achieve a correctly color balanced image.
Frame rate control
VS6624 contains a firmware based programmable timing generator.
This automatically designs internal video timings, PLL multipliers, clock dividers etc. to
achieve a target frame rate with a given input clock frequency.
Optionally an automatic frame rate controller can be enabled. This system examines the
current exposure status, integration time and gain and adapts the frame rate based on that.
This function is typically useful in low-light scenarios where reducing the frame rate extends
the useful integration period. This reduces the need for the application of analog and digital
gain and results in better quality images.
Dark calibration
The microprocessor uses information from special dark lines within
the pixel array to apply an offset to the video data and ensure a consistent ‘black’ level.
Active noise management The microprocessor is able to modify certain video pipe
functions according to the current exposure settings determined by the automatic exposure
controller. The main purpose of this is to improve the noise level in the system under low
lighting conditions. Functions which ‘strength’ is reduced under low lighting conditions (e.g.
sharpening) are controlled by ‘dampers’. Functions which ‘strength’ is increased under low
lighting conditions are controlled by ‘promoters’. The fade to black operation is also
controlled by the microprocessor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com