Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

VS6624P0LP Datasheet(PDF) 25 Page - STMicroelectronics

Part # VS6624P0LP
Description  1.3 Megapixel single-chip camera module
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VS6624P0LP Datasheet(HTML) 25 Page - STMicroelectronics

Back Button VS6624P0LP Datasheet HTML 21Page - STMicroelectronics VS6624P0LP Datasheet HTML 22Page - STMicroelectronics VS6624P0LP Datasheet HTML 23Page - STMicroelectronics VS6624P0LP Datasheet HTML 24Page - STMicroelectronics VS6624P0LP Datasheet HTML 25Page - STMicroelectronics VS6624P0LP Datasheet HTML 26Page - STMicroelectronics VS6624P0LP Datasheet HTML 27Page - STMicroelectronics VS6624P0LP Datasheet HTML 28Page - STMicroelectronics VS6624P0LP Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 106 page
background image
VL6624/VS6624
Output data formats
25/106
Manipulation of RGB data
It is possible to modify the encapsulation of the RGB data in a number of ways:
swap the location of the RED and BLUE data
reverse the bit order of the individual color channel data
reverse the order of the data bytes themselves
Dithering
An optional dithering function can be enabled for each RGB output mode to reduce the
appearance of contours produced by RGB data truncation. This is enabled through the
DitherControl register.
Bayer 8-bit
The ITU protocol allows the encapsulation of various data formats over the link. The
following data formats are also proposed encapsulated in ITU601-656 protocol:
RAW 8-bit bayer
Truncated from 10-bit
DPCM encoded from 10-bit
This is done as described in
Figure 10. In this output mode the output data per pixel is a
single byte. Therefore the output PCLK and data rate is halved.
It is possible to reverse the overall bit order of the individual bayer pixels through a register
programming.
Note:
False synchronization codes are avoided in the LSByte by adding or subtracting a value of
one, dependent on detection of a 0 code or 255 code respectively.
Figure 10. Bayer 8 output
F
F
0
0
0
0
X
Y
EAV Code
START OF DIGITAL ACTIVE LINE
D
0
D
1
D
2
D
3
D
0
D
1
D
2
D
3
D
0
D
1
D
2
D
3
8-bit Bayer
F
F
0
0
0
0
X
Y
where:
LSBn = Bayern[7:0]
L
S
B0
L
S
B1
L
S
B2
L
S
B3
L
S
B4
L
S
B5
L
S
B6
L
S
B7
L
S
B8
L
S
B9
L
S
B10
L
S
B11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com